Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61113 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61113
Description  GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61113 Datasheet(HTML) 2 Page - Micropac Industries

  61113 Datasheet HTML 1Page - Micropac Industries 61113 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
8 - 15
61113
SURFACE MOUNT NPN GENERAL PURPOSE TRANSISTOR (TYPE 2N2369AUB)
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
BVCBO
40
Vdc
IC = 10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
40
Vdc
IC = 10µA , IB = 0µA
Collector-Emitter Sustaining Voltage
BVCES
15
Vdc
IC = 10mA , IB = 0µA
Emitter-Base Breakdown Voltage
BVEBO
4.5
Vdc
IC = 0, IE = 10µA
Collector-Base Cutoff Current
ICBO
0.4
µAVCB = 20V, IE = 0
30
µAVCB = 20V, IE = 0, TA = 150°C
Collector-Emitter Cutoff Current
ICES
0.4
µAVCE = 20V
Forward-Current Transfer Ratio
hfe
-120
-
VCE = 1V, IC = 10mA
hfe
20
-
VCE = 1V, IC = 100mA
hfe
20
-
VCE = 2V, IC = 100mA
hfe4
20
-
VCE = 1V, IC = 10mA @ -55ºC
1
hfe6
30
-
VCE = 0.35V, IC = 10mA @ -55ºC
Collector-Emitter Saturation Voltage
VCE (SAT)
0.20
V
IC = 10mA, IB = 1mA
1
VCE (SAT)
0.30
V
IC = 10mA, IB = 1mA @ +125ºC
VCE (SAT)
0.25
V
IC = 30mA, IB = 3mA
VCE (SAT)
0.50
V
IC = 100mA, IB = 10mA
1
Base-Emitter Saturation Voltage
VBE (SAT)
0.7
0.85
V
IC = 10mA, IB = 1mA
1
VBE (SAT)
0.59
-
V
IC = 10mA, IB = 1mA @ +125ºC
VBE (SAT)
1.02
V
IC = 10mA, IB = 1mA @ -55ºC
1.15
V
IC = 30mA, IB = 3mA
VBE (SAT)
1.60
V
IC = 100mA, IE = 10mA
1
SMALL-SIGNAL CHARACTERISTICS
Current-Gain – Bandwidth Product
fr
500
MHz
VCB = 10V, 100kHz, < f < 1 MHz
Input Capacitance
(Output Open Capacitance)
CIBO
25
pF
VEB = 0.5 V, 100kHz, < f < 1 MHz
Turn-On Time
ton
35
nS
VCC = 30V, IC = 150mA,
IB1 = 15mA
Turn-Off Time
toff
300
nS
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
NOTES:
1.
Pulse width < 300µs, duty cycle < 2.0%.
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
61113-001
2N2369AUB PNP transistor, commercial version
61113-002
2N2369AUB PNP transistor, JAN level screening
61113-003
2N2369AUB PNP transistor, JANTX level screening
61113-004
2N2369AUB PNP transistor, JANTXV level screening
61113-005
2N2369AUB PNP transistor, JANS level screening
NOTE: Also available in dual and quad configurations upon request. Can also be supplied in gull wing surface mount versions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com