Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62005 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62005
Description  GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62005 Datasheet(HTML) 2 Page - Micropac Industries

  62005 Datasheet HTML 1Page - Micropac Industries 62005 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
6 - 25
62005
GaAlAs LIGHT-EMITTING DIODE “PILL PACK”
REVISED 02/22/01
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
62005-X01
62005-X02
62005-X03
62005-X04
PO
0.5
1
1.4
1.9
1.2
1.5
2.0
2.3
mW
IF = 50mA
Forward Voltage
62005-XXX
VF
1.8
VIF = 50mA
Reverse Breakdown Voltage
62005-XXX
BVR
2
VIR = 10µA
Radiation Rise Time
62005-XXX
tR
0.7
µs
Peak Wavelength
62005-XXX
λ
P
880
nm
IF = 50mA
Beam Angle
62005-XXX
θ
18
degrees
1
Forward Max Continuous Current
62005-XXX
IF(MAX)
100
mA
25
°C Case
2
NOTES:
1.
Low profile 40° lens also available.
2.
Derate lineally above 25°C at 1.33 mA/°c
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO MIN.
62005-001
GaAlAs LED in pill package, commercial version
+0.5 mW
62005-101
GaAlAs LED in pill package (-55° to +125°C) with 100% screening
+0.5 mW
62005-002
GaAlAs LED in pill package, commercial version
+1mW
62005-102
GaAlAs LED in pill package (-55° to +125°C) with 100% screening
+1 mW
62005-003
GaAlAs LED in pill package, commercial version
+1.4 mW
62005-103
GaAlAs LED in pill package (-55° to +125°C) with 100% screening
+1.4 mW
62005-004
GaAlAs LED in pill package, commercial version
+1.9 mW
62005-104
GaAlAs LED in pill package (-55° to +125°C) with 100% screening
+1.9 mW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com