Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62017 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62017
Description  GaAs LIGHT EMITTING DIODE ?쏱IGTAIL?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62017 Datasheet(HTML) 2 Page - Micropac Industries

  62017 Datasheet HTML 1Page - Micropac Industries 62017 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 27
62017
GaAs LIGHT-EMITTING DIODE “PIGTAIL”
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
62017-X01
62017-X02
62017-X03
62017-X04
PO
0.20
0.35
0.70
1.25
0.30
0.65
0.90
1.35
mW
IF = 50mA
Forward Voltage
62017-XXX
VF
1.6
V
IF = 50mA
Reverse Breakdown Voltage
62017-XXX
BVR
2
V
IH = 10µA
Radiation Rise Time
62017-XXX
tR
0.7
µs
Peak Wavelength
62017-XXX
λP
940
nm
IF = 50mA
2
Beam Angle
62017-XXX
θ
12
degrees
1
Forward Max Continuous Current
62017-XXX
IF(MAX)
100
mA
25°C Case
NOTES:
1.
Angle between half-intensity points.
2.
Available in GaAlAs version (880)
INSTANTANEOUS POWER OUTPUT versus FORWARD CURRENT
RADIATION PATTERN
10
0.2
0.1
NORMALIZED TO OUTPUT AT I = 50 mA
T =25°C
C
F
20
40
70 100
400
200
1000
0.4
0.7
1
2
4
7
110
IF FORWARD CURRENT [mA]
ANG LE [DEGREES]
0
0.2
0.4
0.6
1.0
0.8
40
20
20
040
POWER OUTPUT versus JUNCTION TEMPERATURE
T - JUNCTION TEMPERATURE - °C
-75
-50
-25
0
50
25
J
75
100
0.3
0.5
0.7
2.0
3.0
150
1
RELATIVE SPECTRAL OUTPUT
WAVELENGTH ( )
8800
9200
10,000
9600
0
0.2
0.4
0.6
1.0
0.8
I =50 mA
F
T = 25° C
A
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
100
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO Range
62017-001
GaAs LED in coaxial package, commercial version
+0.20-+0.30 mW
62017-101
GaAsLED in coaxial package (-55° to +100°C) with 100% screening
+0.20 -+0.30 mW
62017-002
GaAs LED in coaxial package, commercial version
+0.35-+0.65 mW
62017-102
GaAsLED in coaxial package (-55° to +100°C) with 100% screening
+0.35-+0.65 mW
62017-003
GaAs LED in coaxial package, commercial version
+0.70-+0.90 mW
62017-103
GaAsLED in coaxial package (-55° to +100°C) with 100% screening
+0.70-+0.90 mW
62017-004
GaAs LED in coaxial package, commercial version
+1.25-+1.35 mW
62017-104
GaAsLED in coaxial package (-55° to +100°C) with 100% screening
+1.25-+1.35 mW
NOTE: Add L to end of dash number to signify addition of loop lead requirement.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com