Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62033 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62033
Description  GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62033 Datasheet(HTML) 2 Page - Micropac Industries

  62033 Datasheet HTML 1Page - Micropac Industries 62033 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 29
62033
GaAs LIGHT-EMITTING DIODE, TO-46 PACKAGE
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
62033-X01
62033-X02
62033-X03
PO
2.0
3.5
4.8
2.5
4.2
6.0
mW
IF = 100mA
Forward Voltage
62033-XXX
VF
1.7
VIF = 100mA
Reverse Breakdown Voltage
62033-XXX
BVR
2
VIR = 10µA
Radiation Rise Time
62033-XXX
tR
0.7
µs
Peak Wavelength
62033-XXX
λP
940
nm
IF = 100mA
Beam Angle
62033-XXX
θ
20
degrees
1
Forward Max Continuous Current
62033-XXX
IF(MAX)
200
mA
25°C Case
NOTES:
1.
Angle between half-intensity points.
INSTANTANEOUS POWER OUTPUT versus FORWARD CURRENT
RADIATION PATTERN
10
0.2
0.1
NORMALIZED TO OUTPUT AT I = 50 mA
T =25°C
C
F
20
40
70 100
400
200
1000
0.4
0.7
1
2
4
7
110
IF FORWARD CURRENT [mA]
A N G L E [D EG R E E S ]
0
0.2
0.4
0.6
1.0
0.8
40
20
20
04 0
POWER OUTPUT versus JUNCTION TEMPERATURE
T - JUNCTION TEMPERATURE - °C
-75
-50
-25
0
50
25
J
75
100
0.3
0.5
0.7
2.0
3.0
150
1
RELATIVE SPECTRAL OUTPUT
WAVELENGTH ( )
8800
9200
10,000
9600
0
0.2
0.4
0.6
1.0
0.8
I =50 mA
F
T = 25° C
A
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
200
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO Range
62033-001
GS5040-1,GaAs LED in TO-46 package, commercial version
+2.0 mW
62033-101
GaAsLED in TO-46 package (-55° to +100°C) with 100% screening
+2.0 mW
62033-002
GS5040-2, GaAs LED in TO-46 package, commercial version
+3.5 mW
62033-102
GaAsLED in TO-46 package (-55° to +100°C) with 100% screening
+3.5 mW
62033-003
GS5040-3, GaAs LED in TO-46 package, commercial version
+4.8 mW
62033-103
GaAsLED in TO-46 package (-55° to +100°C) with 100% screening
+4.8 mW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com