Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62038 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62038
Description  GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62038 Datasheet(HTML) 2 Page - Micropac Industries

  62038 Datasheet HTML 1Page - Micropac Industries 62038 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 31
62038
GaAs LIGHT-EMITTING DIODE, TO-46 PACKAGE
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
62038-X01
62038-X02
62038-X03
PO
3.3
2.5
2.5
5
3
3
mW
IF = 100mA
Forward Voltage
62038-XXX
VF
1.75
VIF = 100mA
Reverse Breakdown Voltage
62038-XXX
BVR
2
VIR = 10µA
Radiation Rise Time
62038-XXX
tR
0.7
µsIF = 50mA
Peak Wavelength
62038-XXX
λP
940
nm
IF = 100mA
Beam Angle
62038-X01
62038-X02
62038-X03
θ
50
50
80
degrees
1
Forward Max Continuous Current
62038-XXX
IF(MAX)
200
mA
25
°C Case
NOTES:
1.
Angle between half-intensity points.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
200
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO Range
62038-001
TIL31B in TO-46 package w/50°lens, commercial version
+3.3 mW
62038-101
TIL31BHR2 in TO-46 package w/50°lens (-40° to +100°C) with 100% screening
+3.3 mW
62038-002
TIL31B in TO-46 package w/50°lens, commercial version
+2.5 mW
62038-102
TIL31BHR2 in TO-46 package w/50°lens (-40° to +100°C) with 100% screening
+2.5 mW
62038-003
TIL33B in TO-46 package w/80°lens, commercial version
+2.5 mW
62038-103
TIL33BYR2 in TO-46 package w/80°lens (-40° to +100°C) with 100% screening
+2.5 mW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com