Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62074 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62074
Description  FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62074 Datasheet(HTML) 2 Page - Micropac Industries

  62074 Datasheet HTML 1Page - Micropac Industries 62074 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 33
62074
FIBER OPTIC GaAlAs LIGHT-EMITTING DIODE
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
62074-X01
62074-X02
PO
2.5
7.5
mW
IF = 100mA
Coupled Power Out
62074-XX1
62074-X02
POC
150
50
µWIF = 100mA
1
Forward Voltage
62074-XXX
VF
2.0
VIF = 100mA
Reverse Breakdown Voltage
62074-XXX
BVR
1
VIR = 10µA
Reverse Current
62074-XXX
IR
610
µA
VR = 1.0V
Radiation Rise/Fall Time
62074-XXX
tR
10
ns
IF = 100mA
Prebias @ 5 mA
Peak Wavelength
62074-XXX
λP
830
870
nm
IF = 50mA
NOTES:
1.
Tested using a 100/140µm fiber with a 0.29nA. Actual coupled power may vary due to alignment procedures and/or receptable and fiber tolerances.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
75
100
mA
Transmission Rate
10
MBits/S
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO Range
62074-001
GaAlAs Fiber Optic LED in TO-46 package, commercial version
2.0-5.0
62074-101
GaAlAs Fiber Optic LED in TO-46 package (-55° to +125°C) with 100% screening
2.0-5.0
62074-002
GaAlAs Fiber Optic LED in TO-46 package, commercial version
2.5-5.0
62074-102
GaAlAs Fiber Optic LED in TO-46 package (-55° to +125°C) with 100% screening
2.5-5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com