Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65017 Datasheet(PDF) 2 Page - Micropac Industries

Part # 65017
Description  HIGH RELIABILITY HALL EFFECT SENSOR LATCHING OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65017 Datasheet(HTML) 2 Page - Micropac Industries

  65017 Datasheet HTML 1Page - Micropac Industries 65017 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272 - 3571 • Fax (972) 487 - 6918
www.micropac.com
E-MAIL: optosales@micropac.com
65017-001
HIGH RELIABILITY HALL EFFECT SENSOR
REV A 12/17/01
ELECTRICAL CHARACTERISTICS
Ta = 25°C, VCC = 5V unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Supply Current
ICC
1.5
2.5
7.0
mA
VCC=15V; B < BOP
Saturation Voltage
VOL
0.4
V
IOUT = 20 mA, B >BOP
Output Leakage
IOFF
0.01
5
uA
B < BOP, VOUT =15V
Output Rise Time
tr
100
200
ns
VCC = 12V, RL = 820 ohm, CL = 20 pf
Output Fall Time
Tf
180
350
ns
VCC = 12V, RL = 820 ohm, CL = 20 pf
MAGNETIC CHARACTERISTICS
Ta = 25°C, VCC = 5V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Operate Point
BOP
10
75
150
Gauss
Vcc = 5 V, RL = 1 Kohm
Release Point
BRP
-100
-50
-10
Gauss
Vcc = 5 V, RL = 1 Kohm
Hysteresis
Bhys
70
100
120
Gauss
Vcc = 5 V, RL = 1 Kohm
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
65017-001
Unscreened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com