Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66024 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66024
Description  4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66024 Datasheet(HTML) 2 Page - Micropac Industries

  66024 Datasheet HTML 1Page - Micropac Industries 66024 Datasheet HTML 2Page - Micropac Industries 66024 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
3 - 29
66024
4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
ELECTRICAL CHARACTERISTICS
Ta = -55°C to 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
9
20
%
IF = 16mA, VO = 0.4V , VCC = 4.5V
1, 2
Output Leakage Current
IOH1
70
250
µAIF = 250µA, VCC = VO = 18V
IF (other channel) = 20mA
1
Logic High Output Current
IOH
20
100
µAIF = 0, VCC = VO = 18V
IF (other channel) = 20mA
1
High Level Output Current
ICCH
0.2
10
µAIF = 0, VCC = 18V
IF (other channel) = 20mA
1
Low Level Supply Current
ICCL
35
200
µAI F1 = I F2 = 20mA, VCC = 18V
1
Input Forward Voltage
VF
1.5
1.8
V
IF = 20mA
1
Input Reverse Breakdown Voltage
BVR
3V
IR = 10µA
1
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
tA = 25°C, t = 5s
3
Propagation Delay Time To High
Output Level
tPLH
26
µsIF = 16mA, VCC = 5V, RL = 8.2kΩ
CL = 50pF
1
Propagation Delay Time To Low
Output Level
tPHL
0.4
2
µsIF = 16mA, VCC = 5V, RL = 8.2kΩ
CL = 50pF
1
TYPICAL CHARACTERISTICS
Ta = 25°C, VCC = 5V Each Channel
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
120
pF
VF = 0, f = MHz
1
Capacitance (Input-Output)
CI-O
1.5
pF
f = 1MHz, VF = 0
1, 4
Capacitance (Input-Input)
CI-I
0.55
pF
f = 1MHz
Input Diode Temperature Coefficient
∆vF
∆TA
-1.9
mV/°CIF = 18mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500Vdc
1
Input-Input Insulation Leakage Current
II-I
1
pA
Relative Humidity = 45%
VI-I = 500Vdc, t = 5s
3
Common Mode Transient immunity at High
Output Level
CMH
500
1000
V/µsVCM = 10V P-P, RL = 8.2kΩ,
IF = 0mA
1, 5
Common Mode Transient Immunity at Low
Output Level
CML
500
1000
V/µsVCM = 10V P-P, RL = 8.2kΩ,
IF = 16mA
1, 6
NOTES:
1.
Each channel.
2.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current, IO, to the forward LED input current, IF , times 100%.
3.
Measured between each input pair shorted together.
4.
Measured between input pins shorted together and the output pins for that channel shorted together.
5.
CMH is the maximum tolerable common mode transient to assure that the output will remain in a high logic state (ie. VO > @.0V).
6.
CML is the maximum tolerable common mode transient to assure that the output will remain in a low logic state (ie. VO < 0.8V).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com