Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66056 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66056
Description  SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66056 Datasheet(HTML) 2 Page - Micropac Industries

  66056 Datasheet HTML 1Page - Micropac Industries 66056 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St.., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 35
66056
SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
Rev 1
7/3/01
ELECTRICAL CHARACTERISTICS Ta=-55°C to at 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
High Level Output Current
IOH
5250
µA
VCC = 5.5V, VO = 5.5V,IF =250µA
1
Low Level Output Voltage
VOL
0.5
0.6
V
VCC = 5.5V, IF = 10mA
IOL (Sinking) = 10mA
1,3
High Level Supply Current
Single Channel
Dual Channel
ICCH
9
18
14
28
mA
VCC = 5.5V, IF = 0
(Both Channels)
Low Level Supply Current
Single Channel
Dual Channel
ICCL
13
26
18
36
mA
VCC = 5.5V, IF = 20mA
(Both Channels)
Input Forward Voltage
VF
1.5
1.75
V
IF = 20mA
1
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
Input-Output Insulation Leakage Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
ta = 25°C, t = 5s
2
Propagation Delay Time To High Output Level
tPLH
45
100
ns
RL = 510Ω, CL = 50pF.
If = 13mA, ta = 25°C
3,4
Propagation Delay Time To Low Output Level
tPHL
55
100
ns
RL = 510Ω, CL = 50pF
If = 13mA, ta = 25°C
3,5
TYPICAL CHARACTERISTICS TA = 25°C, VCC = 5V EACH CHANNEL
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = MHz
1
Input Diode Temperature Coefficient
∆vF ∆TA
-1.9
mV/°CIF = 20mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500V
2
Capacitance (Input-Output)
CI-O
5
pF
f = 1MHz
2
Output Rise-Fall Time (10-90%)
tr, tf
35
ns
RL = 510Ω, CL = 50pFIF = 13mA
Common Mode Transient Immunity at
High Output Level
CMH
1000
10000
V/µsVCM = 10V (peak),
VO (min) = 2V,
RL = 510Ω, IF = OmA
6
Common Mode Transient Immunity at
Low Output Level
CML
1000
10000
V/µsVCM = 10V (peak),
VO (max) = 0.8V,
RL = 510Ω, IF = 1OmA
7
NOTES:
1.
Each channel
2.
Measured between input pins shorted together and output pins shorted together.
3.
It is essential that a bypass capacitor (.01 to 0.1µF ceramic) be connected from pin 1 to pin 4.
4.
The tplh propagation delay is measured from the 6.5mA point on the trailing edge of the input pulse to the 1.5V point on the trailing edge of the output pulse.
5.
The tphl propagation delay is measured from the 6.5mA point on the leading edge of the input pulse to the 1.5V point on the leading edge of the output pulse.
6.
CMh is the max. tolerable common mode transient to assure that the output will remain in a high logic state (i.e. Vo >2.0V).
7.
CMl is the max. tolerable common mode transient to assure that the output will remain in a low logic state (i.e. Vo < 0.8V).
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level Each Channel
IFL
0250
µA
Input Current, High Level Each Channel
IFH
12.5
20
mA
Supply Voltage
VC
4.5
5.5
V
Fan Out (TTL Load) Each Channel
N
6
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66056-011
Single Channel, commercial optocoupler
66056-012
Dual Channel, commercial optocoupler
66056-001
Single Channel, Mil-temp optocoupler tested over full military temperature range (-55° to +125°C)
66056-002
Dual Channel, Mil-temp optocoupler tested over full military temperature range (-55° to +125°C)
66056-101
Single Channel optocoupler tested over full military temperature range with 100% device screening
66056-102
Dual Channel optocoupler tested over full military temperature range with 100% device screening
66056-103
DSCC Dwg 8102802PX Dual channel optocoupler



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com