Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66079 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66079
Description  OPTICALLY COUPLED DIGITAL FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66079 Datasheet(HTML) 2 Page - Micropac Industries

  66079 Datasheet HTML 1Page - Micropac Industries 66079 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 39
66079
OPTICALLY COUPLED DIGITAL FILTER
ELECTRICAL CHARACTERISTICS
Ta = -55°C to +125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
High Level Output Current
IOH
5250
µA
VCC = 5.5V, VO = 5.5V,
IF = 250µA
Low Level Output Voltage
VOL
0.5
0.6
V
VCC = 5.5V, IF = 10mA
IOL (Sinking) = 10mA
High Level Supply Current
ICCH
10
20
mA
VCC = 5.5V, IF = 0
(Both Channels)
Low Level Supply Current
ICCL
20
30
mA
VCC = 5.5V, IF = 20mA
(Both Channels)
Input Forward Voltage
VF
1.5
1.75
V
IF = 20mA
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
Ta = 25°C, t = 5s
Propagation Delay Time To High
Output Level
tPLH
65
100
ns
RL = 510Ω, CL = 15pF.
If = 13mA, ta = 25°C
Propagation Delay Time To Low
Output Level
tPHL
55
100
ns
RL = 510Ω, CL = 15pF
If = 13mA, ta = 25°C
TYPICAL CHARACTERISTICS
Ta = 25°C, VCC = 5V EACH CHANNEL
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
VF = 0, f = MHz
Input to Case Capacitance
CIC
25
pF
VF = 0, f = MHz
Input Diode Temperature Coefficient
∆vF
-1.9
mV/°CIF = 20mA
Capacitance (Input-Output)
CI-O
1
3
pF
f = 1MHz
Output Rise-Fall Time (10-90%)
tf, tf
35
ns
RL = 510Ω, CL = 50pF
IF = 13mA
Common Mode Transient Immunity
at High Output Level
CMH
1000
10000
V/µsVCM = 10V (peak),
VO (min) = 2V,
RL = 510Ω, IF = OmA
1
Common Mode Transient Immunity
at Low Output Level
CML
1000
10000
V/µsVCM = 10V (peak),
VO (max) = 0.8V,
RL = 510Ω, IF = 1OmA
2
NOTES:
1.
CMh is the max. tolerable common mode transient to assure that the output will remain in a high logic state (i.e. VO >2.0V).
2.
CMl is the max. tolerable common mode transient to assure that the output will remain in a low logic state (i.e. VO< 0.8V).
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level Each Channel
IFL
0
250
µA
Input Current, High Level Each Channel
IFH
12.5
20
mA
Supply Voltage
VC
4.5
5.5
V
Fan Out (TTL Load) Each Channel
N
6
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66079-000
With housing, with 100% screening
66079-000C
DSCC Drawing # 5962-916761HXX , with housing
66079-001
Without housing, with 100% screening
66079-001C
DSCC Drawing #5962-916760HXX (without housing)
66079-002
With housing, commercial mil-temp (-55°C to +125°C)
66079-003
Without housing, commercial mil-temp (-55°C to +125°C)
66079-004
Without housing, commercial extended temp (-40°C to +80°C)
66079-004H
With housing, commercial extended temp (-40°C to +80°C)
66079-005
Without housing, commercial temp (0°C to +70°C)
66079-005H
With housing, commercial temp (0°C to +70°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com