Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5113PL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS5113PL
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5113PL Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS5113PL Datasheet HTML 1Page - ON Semiconductor NVMFS5113PL Datasheet HTML 2Page - ON Semiconductor NVMFS5113PL Datasheet HTML 3Page - ON Semiconductor NVMFS5113PL Datasheet HTML 4Page - ON Semiconductor NVMFS5113PL Datasheet HTML 5Page - ON Semiconductor NVMFS5113PL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS5113PL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−60
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −60 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−1.5
−2.5
V
Drain−to−Source On Resistance
RDS(on)
VGS = −10 V, ID = −17 A
10.5
14
m
W
VGS = −4.5 V, ID = −5 A
16
22
Froward Transconductance
gFS
VDS = −15 V, ID = −15 A
43
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = −25 V
4400
pF
Output Capacitance
Coss
505
Reverse Transfer Capacitance
Crss
319
Total Gate Charge
QG(TOT)
VDS = −48 V,
ID = −17 A
VGS = −4.5 V
45
nC
VGS = −10 V
83
Threshold Gate Charge
QG(TH)
VGS = −10 V, VDS = −48 V,
ID = −17 A
4
Gate−to−Source Charge
QGS
13
Gate−to−Drain Charge
QGD
27
Plateau Voltage
VGP
3.5
V
SWITCHING CHARACTERISTICS (Notes 4)
Turn−On Delay Time
td(on)
VGS = −10 V, VDS = −48 V,
ID = −17 A, RG = 2.5 W
15
ns
Rise Time
tr
37
Turn−Off Delay Time
td(off)
54
Fall Time
tf
77
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −17 A
TJ = 25°C
−0.79
−1.0
V
TJ = 125°C
−0.65
Reverse Recovery Time
tRR
VGS = 0 V, dls/dt = 100 A/ms,
Is = −17 A
41
ns
Charge Time
ta
22
Discharge Time
tb
19
Reverse Recovery Charge
QRR
50
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com