Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS90D Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LS90D
Description  4-BIT BINARY COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS90D Datasheet(HTML) 4 Page - ON Semiconductor

  74LS90D Datasheet HTML 1Page - ON Semiconductor 74LS90D Datasheet HTML 2Page - ON Semiconductor 74LS90D Datasheet HTML 3Page - ON Semiconductor 74LS90D Datasheet HTML 4Page - ON Semiconductor 74LS90D Datasheet HTML 5Page - ON Semiconductor 74LS90D Datasheet HTML 6Page - ON Semiconductor 74LS90D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74LS90
http://onsemi.com
4
LS90
MODE SELECTION
RESET / SET INPUTS
OUTPUTS
MR1 MR2 MS1 MS2
Q0 Q1
Q2 Q3
H
H
X
L
X
L
X
H
H
X
X
L
X
L
L
X
H
L
X
X
L
L
L
H
L
L
L
L
L
L
L
L
H
Count
Count
Count
Count
X
L
H
X
L
L
X
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
LS92 AND LS93
MODE SELECTION
RESET
INPUTS
OUTPUTS
MR1 MR2
Q0 Q1
Q2 Q3
H
L
H
L
H
H
L
L
LL
LL
Count
Count
Count
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
LS90
BCD COUNT SEQUENCE
COUNT
OUTPUT
Q0 Q1
Q2 Q3
0
1
2
3
4
5
6
7
8
9
L
H
L
H
L
H
L
H
L
H
L
L
H
H
L
L
H
H
L
L
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
L
L
L
H
H
NOTE: Output Q0 is connected to Input
CP1 for BCD count.
LS92
TRUTH TABLE
COUNT
OUTPUT
Q0 Q1
Q2 Q3
0
1
2
3
4
5
6
7
8
9
10
11
L
H
L
H
L
H
L
H
L
H
L
H
L
L
H
H
L
L
L
L
H
H
L
L
L
L
L
L
H
H
L
L
L
L
H
H
L
L
L
L
L
L
H
H
H
H
H
H
NOTE: Output Q0 is connected to Input
CP1.
LS93
TRUTH TABLE
COUNT
OUTPUT
Q0 Q1
Q2 Q3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
L
H
H
L
L
H
H
L
L
H
H
L
L
H
H
L
L
L
L
H
H
H
H
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
NOTE: Output Q0 is connected to Input
CP1.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
−55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
−0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com