Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66191 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66191
Description  PROTON RADIATION TOLERANT OPTOCOUPLER (Single Channel, Electrical EQUIVALENT TO 66099)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66191 Datasheet(HTML) 2 Page - Micropac Industries

  66191 Datasheet HTML 1Page - Micropac Industries 66191 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
5 - 41
66191
PROTON RADIATION TOLERANT OPTOCOUPLER. SINGLE CHANNEL
REVISION A
7/14/00
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 3V
Input Diode Static Forward Voltage
VF
.8
1.8
2
V
IF = 10mA
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
40
V
IC = 100µA, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
5V
IE = 100µA, IF = 0
Collector-Emitter Dark Current
+100
°C
ICEO
100
20
nA
µA
VCE = 20V,
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
100
%
VCE = 1V, IF = 10mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 20mA, IC=10mA
Input -Output Isolation Current
II/o
100
nA
VIN-OUT = 1000V
1
Input to Output Capacitance
CIO
2.5
5
pF
f = 1MHz, VIN-OUT = 1kV
1
Rise Time
tr
20
µsVCC = 10V, IF = 10mA,
RL = 100Ω
Fall Time
tf
20
µsVCC = 10V, IF = 10mA,
RL = 100Ω
NOTES:
1) These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
100
µA
Input Current, High Level
IFH
10
20
mA
Supply Voltage
VCE
520
V
Operating Temperature
TA
-55
+100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66191-001
Proton radiation tolerant optocoupler, commercial
66191-101
Proton radiation tolerant optocoupler, -55 to +100
°C Temperature range (JAN equivalent)
66191-103
Proton radiation tolerant optocoupler , 100% JANTX screened
66191-105
Proton radiation tolerant optocoupler , 100% JANTXV screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com