Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67013 Datasheet(PDF) 2 Page - Micropac Industries

Part # 67013
Description  SLOTTED OPTICAL INTERRUPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67013 Datasheet(HTML) 2 Page - Micropac Industries

  67013 Datasheet HTML 1Page - Micropac Industries 67013 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut Str., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
67013
SLOTTED OPTICAL INTERRUPTER
OPTICAL/ELECTRICAL CHARACTERISTICS
At 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Forward Voltage
VF
1.7
V
IF = 20mA
Input Diode Reverse Current
IR
100
mA
VR = 3V
OUTPUT PHOTOTRANSISTOR
At 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector – Emitter Breakdown Voltage
V(BR)CEO
30
V
IC = 1 mA
Emitter – Collector Breakdown Voltage
V(BR)ECO
5V
IE = 100µA
Collector – Emitter Dark Current
ICEO
100
nA
VCE = 10V
COUPLED CHARACTERISTICS
At 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector – Emitter Saturation Voltage
VCE(SAT)
0.40
V
IC = 2 mA, IF = 20mA
Collector Current
IC(ON)
4mA
VCE = 5V, IF = 20mA
-001 Commercial
-101 with 100% screening



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com