Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65279V Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 9Page - Texas Instruments TPS65279V Datasheet HTML 10Page - Texas Instruments TPS65279V Datasheet HTML 11Page - Texas Instruments TPS65279V Datasheet HTML 12Page - Texas Instruments TPS65279V Datasheet HTML 13Page - Texas Instruments TPS65279V Datasheet HTML 14Page - Texas Instruments TPS65279V Datasheet HTML 15Page - Texas Instruments TPS65279V Datasheet HTML 16Page - Texas Instruments TPS65279V Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
Loading (A)
Forced PWM
auto PWM-PSM
C007
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
Loading (A)
Forced PWM
auto PWM-PSM
C008
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
Loading (A)
Forced PWM
auto PWM-PSM
C005
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
Loading (A)
Forced PWM
auto PWM-PSM
C006
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
Loading (A)
Forced PWM
auto PWM-PSM
C003
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
Loading (A)
Forced PWM
auto PWM-PSM
C004
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS
TA = 25°C, VIN = 12 V, fSW = 625 kHz (unless otherwise noted)
Figure 3. 0.8-V Efficiency
Figure 4. 0.8-V Efficiency, Light Load
VIN = 12 V, VOUT = 0.8 V
VIN = 12 V, VOUT = 0.8 V
Figure 5. 1.8-V Efficiency
Figure 6. 1.8-V Efficiency, Light Load
VIN = 12 V, VOUT = 1.8 V
VIN = 12 V, VOUT = 1.8 V
Figure 7. 3.3-V Efficiency
Figure 8. 3.3-V Efficiency, Light Load
VIN = 12 V, VOUT = 3.3 V
VIN = 12 V, VOUT = 3.3 V
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com