Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76901-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901-HT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76901-HT Datasheet HTML 3Page - Texas Instruments TPS76901-HT Datasheet HTML 4Page - Texas Instruments TPS76901-HT Datasheet HTML 5Page - Texas Instruments TPS76901-HT Datasheet HTML 6Page - Texas Instruments TPS76901-HT Datasheet HTML 7Page - Texas Instruments TPS76901-HT Datasheet HTML 8Page - Texas Instruments TPS76901-HT Datasheet HTML 9Page - Texas Instruments TPS76901-HT Datasheet HTML 10Page - Texas Instruments TPS76901-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
100
1 M
10
1 k
10 k
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100 k
VI = 4.3 V
CO = 4.7 µF
ESR = 0.3 Ω
TA = 25°C
IO = 100 mA
IO = 1 mA
f - Frequency - Hz
3.2
3.3
3.4
3.5
3.6
3.7
3.8
25
125
150
180
200
210
Temperature - °C
TPS76901-HT
www.ti.com
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
TYPICAL CHARACTERISTICS
VOUT
vs
TEMPERATURE
(VIN = 5 V , Load = 100 mA)
Figure 1.
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 2.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS76901-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com