Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3720XDPS7 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS3720XDPS7
Description  2A H-Bridge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3720XDPS7 Datasheet(HTML) 2 Page - ON Semiconductor

  CS3720XDPS7 Datasheet HTML 1Page - ON Semiconductor CS3720XDPS7 Datasheet HTML 2Page - ON Semiconductor CS3720XDPS7 Datasheet HTML 3Page - ON Semiconductor CS3720XDPS7 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Current flow through the two outputs COIL+ and COIL-
is controlled by the combined settings of ENABLE1,
ENABLE2 and DIRECTION (Table 1). The outputs will be
active only when ENABLE1 is low and ENABLE2 is high.
When DIRECTION is high, current flows out of COIL+
and into COIL-. When DIRECTION is low, current flows
out of COIL- and into COIL+. For any other combination
of ENABLE settings, the outputs are off.
Table 1. Logical Control Diagram
ENABLE1 ENABLE2
DIRECTION
COIL+
COIL-
Low
High
High
High
Low
Low
High
Low
Low
High
High
X
X
OFF
OFF
X
Low
X
OFF
OFF
Motor Direction Control
Electrical Characteristics: 5.5V
≤ V
CC ≤ 17V; –40°C ≤ TJ ≤ +150°C; –40°C ≤ TC ≤ +105°C; –40°C ≤ TA ≤ 105°C; unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD#
LEAD SYMBOL
FUNCTION
Application Hints
15 Lead
7 Lead
7 Lead
Power SIP
TO-220
D2PAK
2
1
1
ENABLE1
Enables output when held low and ENABLE 2 = High
4
2
2
DIRECTION
Determines the direction of current flow through COIL+ and
COIL- as long as ENABLE1 = Low and ENABLE2 = High
6
3
3
COIL+
Positive Output of H bridge to coil
8
4
4
Gnd
Ground connection
12
5
5
VSS
Supply voltage for IC
10
6
6
COIL-
Negative Output of H bridge to coil
14
7
7
ENABLE2
Enables output when held high and ENABLE 1 = Low
s
Output Stage
Quiescent Current
IOUT = 0mA;
10
mA
ENABLE1 = DIRECTION = High
ENABLE2 = Low
Output Saturation Voltage
IOUT = 2A
3.2
V
IOUT = 500mA
2.6
V
Output Leakage Current
IOUT = 0mA
20
µA
Current Limit
3.0
A
s
Logic Control Functions
High Level Input Voltage
2.0
V
Low Level Input Voltage
0.8
V
High Level Input Current
10
µA
Low Level Input Current
-250
µA
Turn on Delay
RLOAD = 30Ω; Coil = 5mH;
50
µs
Guaranteed by design
CLOAD = 15pF
5
Turn off Delay
RLOAD = 30Ω; Coil = 5mH;
50
µs
Guaranteed by design
CLOAD = 15pF
5
s
Fault Protection Functions
Overvoltage Shutdown
IOUT = 500mA
18.0
21.5
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com