Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4607 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 1N4607
Description  Silicon Switching Diode DO-35 Glass Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4607 Datasheet(HTML) 4 Page - Microsemi Corporation

  1N4607 Datasheet HTML 1Page - Microsemi Corporation 1N4607 Datasheet HTML 2Page - Microsemi Corporation 1N4607 Datasheet HTML 3Page - Microsemi Corporation 1N4607 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Maximum Ratings
Symbol
Value
Unit
Peak Inverse Voltage @ 5µA & 0.1µA @ -55oC
PIV
85 (Min).
Volts
Average Rectified Current
Iavg
200
mAmps
Continuous Forward Current
I
Fdc
500
mAmps
Peak Surge Current (t
peak = 1 sec.)
I
peak
1.0
Amp
BKC Power Dissipation T
L=50
oC, L = 3/8" from body
P
tot
500
mWatts
Operating Temperature Range
T
Op
-65 to +150
o C
Storage Temperature Range
T
St
-65 to +150
o C
Electrical Characteristics @ 25 oC*
Symbol
Minimum
Maximum
Unit
Forward Voltage Drop @ I
F = 400 mA
V
F
***
1.10
Volts
Breakdown Voltage @ I
R = 25 µA
PIV
85
Volts
Reverse Leakage Current @ V
R = 50 V
I
R
100
µA
Applications
Used in general purpose applications,where a controlled forward
characteristic and fast switching speed are important.
Features
Six sigma quality
Metallurgically bonded
BKC's Sigma Bond™ plating
for problem free solderability
Note 1: Per Method 4031-A with I
F =
10 mA,Vr = 6 V, R
L = 100 Ohms. * UNLESS OTHERWISE SPECIFIED
Reverse Recovery time (note 1)
t
rr
10
nSecs
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
Dia.
.063-.067"
1.6-1.7mm
0.10"REF
2.54 mmREF
Length
0.13-0.146"
3.30-3.70 mm
Both End Caps
0.016-.022"
0.41-0.55 mm
LL-34/35 MINI MELF
Surface Mount Package DO-213AA
1N4607
LL4608
Silicon Switching Diode
LL-35 Glass Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com