Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4030 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4030
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4030 Datasheet(HTML) 2 Page - Texas Instruments

  LM4030 Datasheet HTML 1Page - Texas Instruments LM4030 Datasheet HTML 2Page - Texas Instruments LM4030 Datasheet HTML 3Page - Texas Instruments LM4030 Datasheet HTML 4Page - Texas Instruments LM4030 Datasheet HTML 5Page - Texas Instruments LM4030 Datasheet HTML 6Page - Texas Instruments LM4030 Datasheet HTML 7Page - Texas Instruments LM4030 Datasheet HTML 8Page - Texas Instruments LM4030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM4030
SNVS552B – MARCH 2008 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
Pin #
Name
Function
1
N/C
No connect pin, leave floating
2
GND, N/C
Ground or no connect
3
N/C
No connect pin, leave floating
4
VREF
Reference voltsge
5
GND
Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Voltage on any input
-0.3 to 6V
Power Dissipation (TA = 25°C)
(3)
350mW
Storage Temperature Range
−65°C to 150°C
Lead Temperature
(soldering, 10sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15sec)
220°C
ESD Susceptibility (4)
Human Body Model
2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications, see Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX
(maximum junction temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power
dissipation at any temperature is: PDissMAX = (TJMAX - TA) /θJ-A up to the value listed in the Absolute Maximum Ratings. θJ-A for SOT-23
package is 220°C/W, TJMAX = 125°C.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Maximum Continuous Shunt Current
30mA
Maximum Shunt Current (<1s)
50mA
Junction Temperature Range (TJ)
−40°C to +125°C
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com