Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4121 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4121 Datasheet HTML 9Page - Texas Instruments LM4121 Datasheet HTML 10Page - Texas Instruments LM4121 Datasheet HTML 11Page - Texas Instruments LM4121 Datasheet HTML 12Page - Texas Instruments LM4121 Datasheet HTML 13Page - Texas Instruments LM4121 Datasheet HTML 14Page - Texas Instruments LM4121 Datasheet HTML 15Page - Texas Instruments LM4121 Datasheet HTML 16Page - Texas Instruments LM4121 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
(+)
(-)
I =
1.216
R
R
I
EN
ADJ
GND
VOUT
LM4121-ADJ
0.022PF
VIN
VIN
R1
EN
VIN
VOUT
2N3904
R2
+
VO
2.2PF
GND
ADJ
LM4121-ADJ
0.022PF
VO = 1.216
(R1 + 1)
R2
LM4121
www.ti.com
SNVS073C – APRIL 2000 – REVISED APRIL 2013
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATION
The mechanical stress due to PC board mounting can cause the output voltage to shift from its initial value.
References in SOT packages are generally less prone to assembly stress than devices in Small Outline (SOIC)
package.
To reduce the stress-related output voltage shifts, mount the reference on the low flex areas of the PC board
such as near to the edge or the corner of the PC board.
Typical Application Circuits
Figure 35. Voltage Reference with Negative Output
Figure 36. 100mA Quasi-LDO Regulator
Figure 37. Boosted Output Current with
Figure 38. Voltage Reference with Complimentary
Output
Negative Voltage Reference
Figure 39. Two Terminal Constant Current Source
Figure 40. Precision Voltage Reference
with Force and Sense Output
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com