Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5015MHE/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015MHE/NOPB
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015MHE/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5015MHE/NOPB Datasheet HTML 17Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 18Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 19Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 20Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 21Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 22Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 23Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 24Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
48V ISOLATED TWO-SWITCH FORWARD
The Isolated Two-Switch Forward converter shown in Figure 25 utilizes a 1.24V voltage reference (LMV431A)
located on the isolated secondary side for the regulation set-point. The LM5015 internal error amplifier is
disabled by grounding the FB pin. The LMV431A controls the current through the opto-coupler LED, which sets
the COMP pin voltage. The output is +5V at 2.5A and the input voltage ranges from 36V to 72V. The switching
frequency is 300 kHz. The functions of the EN and SYNC inputs are the same as in the previous example circuit.
Figure 25. Isolated Two-Switch Forward
ISOLATED TWO-SWITCH FLYBACK
The Isolated Two-Switch Flyback converter shown in Figure 26 utilizes a 1.24V voltage reference (LMV431A)
located on the isolated secondary side for the regulation set-point. The LM5015 internal error amplifier is
disabled by grounding the FB pin. The LMV431A controls the current through the opto-coupler LED, which sets
the COMP pin voltage. The output is +5V at 2.5A and the input voltage ranges from 36V to 72V. The switching
frequency is 300 kHz. The Flyback converter is less complex than the previous Forward converter example in
Figure 25. However, the Flyback converter produces higher input and output ripples of voltage and currents, and
lower conversion efficiency by about 2%. The functions of the EN and SYNC inputs are the same as in the
previous example circuits.
This circuit can be used with the LM5073 for a low cost isolated Power over Ethernet (PoE) Power Device (PD)
application that does not require a discrete power MOSFET.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com