Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5027AMH/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5027AMH/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027AMH/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5027AMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 23Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 24Page - Texas Instruments LM5027AMH/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LM 5027A
VIN
VCC
:
50
VPWR
F
P
1
.
0
power stage
9V-15V (from
)
OUTA
OUTB
SR
Edge
PWM
T1
Edge
Delay_ Leading
T2
T3
Delay_ trailing
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
Figure 26. LM5027A Driver Output Timing
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum rated
junction temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low power
standby state with the output drivers (OUTA, OUTB, and OUTSR), the bias regulators (VCC and REF) disabled.
The thermal protection feature is provided to prevent catastrophic failures from accidental device overheating.
During a restart, after thermal shutdown, the soft-start capacitors (SS and SSSR) are fully discharged and the
controller follows a normal start-up sequence after the junction temperature falls below the Thermal Shutdown
hysteresis threshold (typically 145°C).
VIN
The voltage applied to the VIN pin, normally the same as the system voltage applied to the power transformer’s
primary (VPWR), can vary in the range of the 13 to 90V with transient capability of 105V. The current into VIN
depends primarily on the output driver capacitive loads, the switching frequency, and any external loads on the
VCC pin. If the power dissipation associated with the VIN current exceeds the package capability, an external
voltage should be applied to the VCC pin (see Figure 27) to disable the internal start-up regulator. The VCC
regulation set point voltage is initially internally regulated to 9.5V. After the first OUTSR pulse, the VCC set point
voltage is reduced to 7.5V. If an external voltage is applied to the VCC pin the required range is 8V to 15V . The
VIN to VCC series pass regulator includes a parasitic diode between VIN and VCC. This diode should not be
forward biased in normal operation. The VCC voltage should never exceed the VIN voltage. It is recommended
the circuit of Figure 27 be used to suppress transients which may occur at the input supply, in particular where
VIN is operated close to the maximum operating rating of the LM5027A.
Figure 27. Start-up Regulator Power Reduction
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com