Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5027ASQ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5027ASQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 10Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of –40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 48V, VCC = 10V, RT= 38.4K , No Load on OUTA,
OUTB and OUTSR unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTA GATE DRIVER
VOL
OUTA Low-state Output Voltage
IOUTA = 100 mA
0.15
0.5
V
VOH
OUTA High-state Output Voltage
IOUTA = -100 mA, VOHL = VCC -VLO
0.35
0.21
V
OUTA Rise Time
C-load = 1000 pF
10
ns
OUTA Fall Time
C-load = 1000 pF
13
ns
IOHL
Peak OUTA Source Current
VOUTA = 0V (VCC = 10V)
2
A
IOLL
Peak OUTA Sink Current
VOUTA = VCC= 10V
2
A
OUTB GATE DRIVER
VOL
OUTB Low-state Output Voltage
IOUTB = 100 mA
0.2
0.4
V
VOH
OUTB High-state Output Voltage
IOUTB = -100 mA, VOHL = VCC -VLO
0.5
0.31
V
OUTB Rise Time
C-load = 1000 pF
15
ns
OUTB High Side Fall Time
C-load = 1000 pF
13
ns
IOHL
Peak OUTB Source Current
VOUTB = 0V (VCC = 10V)
1
A
IOLL
Peak OUTB Sink Current
VOUTB = VCC= 10V
1
A
OUTSR GATE DRIVER
VOL
OUTSR Low-state Output Voltage IOUTSR = 100 mA
0.1
0.2
V
VOH
OUTSR High-state Output
IOUTSR = -100 mA, VOHL = VCC -VLO
0.25
0.11
V
Voltage
OUTSR Rise Time
C-load = 1000 pF
12
ns
OUTSR High Side Fall Time
C-load = 1000 pF
10
ns
IOHH
Peak OUTSR Source Current
VOUTSR = 0V (VCC = 10V)
3
A
IOLH
Peak OUTSR Sink Current
VOUTSR = VCC= 10V
3
A
OUTPUT TIMING CONTROL
T1
Delay Leading Range
RTIME1=10 kΩ – 100 kΩ
30
300
ns
T1
Delay Leading Accuracy
RTIME1 = 33.2 kΩ
75
100
125
ns
T2
Delay Trailing Range
RTIME2 = 10 kΩ – 100 kΩ
30
300
ns
T2
Delay Trailing Accuracy
RTIME2 = 28.7 kΩ
75
100
125
ns
T3
Delay Leading Range
RTIME3 = 10 kΩ – 100 kΩ
30
300
ns
T3
Delay Leading Accuracy
RTIME3 = 29.4 kΩ
75
100
125
ns
THERMAL
tsd
Thermal Shutdown Temp.
150
165
°C
Thermal Shutdown Hysteresis
25
°C
RJA
Junction to Ambient
40
°C/W
RJC
Junction to Exposed Pad
4
°C/W
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com