Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033MM/NOPB
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033MM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5033MM/NOPB Datasheet HTML 9Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 13Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 14Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 15Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 16Page - Texas Instruments LM5033MM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN = 60V
VIN = 48V
VIN = 40V
0
5
10
15
20
OUTPUT CURRENT (A)
6.0
8.0
10.0
12.0
14.0
40V < VIN < 60V
0
5
10
15
20
OUTPUT CURRENT (A)
80
85
90
95
100
LM5033
www.ti.com
SNVS181B – APRIL 2004 – REVISED APRIL 2013
APPLICATION CIRCUIT EXAMPLE
Figure 17 shows an example circuit for a half-bridge 200W DC/DC converter built in a quarter brick format. The
circuit is that of an intermediate bus converter (IBC) which operates open-loop (unregulated output), converting a
nominal 48V input to a nominal 9.0V output with a 30 m
Ω output impedance. The current sense transformer (T2),
and the associated filter at the CS pin, provide overcurrent detection at approximately 23A. The auxiliary winding
on T1 powers VCC and the LM5100’s V+ pin (once the outputs are enabled) to reduce power dissipation within
the LM5033. The LM5100 provides appropriate level shifting for Q1. Synchronous rectifiers Q3 and Q4 minimize
conduction losses in the output stage. Dual comparators U2 and U3 provide under-voltage and over-voltage
sensing at Vin. The under-voltage sense levels are 37V increasing, and 33V decreasing. The over-voltage sense
levels are 63V increasing, and 61.5V decreasing. The circuit can be shut down by taking the ON/OFF input
below 0.8V. An external synchronizing frequency can be applied to the SYNC input. Measured efficiency and
output characteristics for this circuit are shown in Figure 15 and Figure 16.
Figure 15. Efficiency vs Output Current
Circuit of Figure 17
Figure 16. VOUT vs Load Current and VIN
for the circuit of Figure 17
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com