Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035ASQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5035ASQ/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035ASQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5035ASQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5035ASQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM5035A
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
Pin Descriptions for LM5035A and LM5035A–1
HTSSOP 20
WQFN PIN
HTSSOP 28
Name
Description
Application Information
PIN LM5035A
LM5035A
PIN LM5035A-1
1
23
5
RAMP
Modulator ramp signal
An external RC circuit from VIN sets the
ramp slope. This pin is discharged at the
conclusion of every cycle by an internal
FET. Discharge is initiated by either the
internal clock or the Volt • Second clamp
comparator.
2
24
6
UVLO
Line Under-Voltage Lockout An external voltage divider from the
power source sets the shutdown and
standby comparator levels. When UVLO
reaches the 0.4V threshold the VCC and
REF regulators are enabled. When
UVLO reaches the 1.25V threshold, the
SS pin is released and the device enters
the active mode. Hysteresis is set by an
internal current sink that pulls 23 µA
from the external resistor divider.
3
2
7
OVP
Line Over-Voltage
An external voltage divider from the
Protection
power source sets the shutdown levels.
The threshold is 1.25V. Hysteresis is set
by an internal current source that
sources 23µA into the external resistor
divider.
4
3
8
COMP
Input to the Pulse Width
An external opto-coupler connected to
Modulator
the COMP pin sources current into an
internal NPN current mirror. The PWM
duty cycle is maximum with zero input
current, while 1mA reduces the duty
cycle to zero. The current mirror
improves the frequency response by
reducing the AC voltage across the
opto-coupler detector.
5
4
9
RT
Oscillator Frequency
Normally biased at 2V. An external
Control and Sync Clock
resistor connected between RT and
Input
AGND sets the internal oscillator
frequency. The internal oscillator can be
synchronized to an external clock with a
frequency higher than the free running
frequency set by the RT resistor.
6
5
10
AGND
Analog Ground
Connect directly to Power Ground.
7
6
11
CS
Current Sense input for
If CS exceeds 0.25V, the output pulse
current limit
will be terminated, entering cycle-by-
cycle current limit. An internal switch
holds CS low for 50ns after HO or LO
switches high to blank leading edge
transients.
8
7
12
SS
Soft-start Input
An internal 110µA current source
charges an external capacitor to set the
soft-start rate. During a current limit
restart sequence, the internal current
source is reduced to 1.2µA to increase
the delay before retry.
9
8
13
DLY
Timing programming pin for
An external resistor to ground sets the
the LO and HO to SR1 and
timing for the non-overlap time of HO to
SR2 outputs.
SR1 and LO to SR2.
10
9
14
RES
Restart Timer
If cycle-by-cycle current limit is
exceeded during any cycle, a 22 µA
current is sourced to the RES pin
capacitor.If the RES capacitor voltage
reaches 2.5V, the soft-start capacitor will
be fully discharged and then released
with a pull-up current of 1.2µA. After the
first output pulse at LO (when SS
>COMP offset, typically 1V), the SS pin
charging current will revert to 110µA.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com