Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5035CSQ/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5035CSQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM5035C
www.ti.com
SNVS631C – JANUARY 2010 – REVISED MARCH 2013
LM5035C PWM Controller with Integrated Half-Bridge and SyncFET Drivers
Check for Samples: LM5035C
1
FEATURES
DESCRIPTION
The LM5035C Half-Bridge Controller/Gate Driver
2
•
105V / 2A Half-Bridge Gate Drivers
contains all of the features necessary to implement
•
Synchronous Rectifier Control Outputs with
half-bridge topology power converters using voltage
Programmable Delays
mode control with line voltage feed-forward.
•
Reduced Deadtime Between High and Low
The LM5035C is a functional variant of the LM5035B
Side Drive for Higher Maximum Duty Cycle.
half-bridge PWM controller. The amplitude of the SR1
•
High Voltage (105V) Start-up Regulator
and SR2 waveforms are 5V instead of the Vcc level.
Also, the soft-stop function is disabled in the
•
Voltage mode Control with Line Feed-Forward
LM5035C.
and Volt Second Limiting
•
Resistor Programmed, 2MHz Capable
The LM5035, LM5035A, LM5035B, and LM5035C
include a floating high-side gate driver, which is
Oscillator
capable of operating with supply voltages up to 105V.
•
Programmable Line Under-Voltage Lockout
Both the high-side and low-side gate drivers are
and Over-Voltage Protection
capable of 2A peak. An internal high voltage startup
•
Internal Thermal Shutdown Protection
regulator is included, along with programmable line
undervoltage
lockout
(UVLO)
and
overvoltage
•
Adjustable Soft-Start
protection (OVP). The oscillator is programmed with a
•
Versatile Dual Mode Over-Current Protection
single resistor to frequencies up to 2MHz. The
with Hiccup Delay Timer
oscillator can also be synchronized to an external
•
Cycle-by-Cycle Over-Current Protection
clock. A current sense input and a programmable
timer
provide
cycle-by-cycle
current
limit
and
•
Direct Opto-coupler Interface
adjustable hiccup mode overload protection. The
•
Logic level Synchronous Rectifier Drives
differences between LM5035, LM5035A, LM5035B,
•
5V Reference Output
and LM5035C are summarized in Table 3.
PACKAGES
•
HTSSOP-20 (Thermally enhanced)
•
WQFN-24 (4mm x 5mm)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5035CSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5035CSQ/NOPB TI2-LM5035CSQ/NOPB Datasheet
1Mb / 43P
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2016
More results

Similar Description - LM5035CSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com