Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041AMTC/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041AMTC/NOPB
Description  LM5041A Cascaded PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041AMTC/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5041AMTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5041AMTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LOGI
C
VIN
VCC
VREF
SS
10 PA
RT / SYNC
LOGIC
PGND
AGND
5V
REFERENCE
OSCILLATOR
DIVIDE BY 2
PUSH
CLK
CLK
VCC
CS
TIME
OSC
45 PA
LD
FB
0.5V
PWM
5k
5V
1.4V
100k
50k
CLK + LEB
COMP
0.75V
SS
R
S
Q
Q
HD
UVLO
UVLO
HYSTERESIS
(20 PA)
2.5V
2k
SS
ENABLE
VCC
UVLO
9V SERIES
REGULATOR
+
-
+
-
+
-
DRIVE
R
PULL
DRIVE
R
SLOPE COMP
RAMP
GENERATOR
VCC
OVERLAP
OR
DEAD TIME
CONTROL
+
-
LM5041A
SNVS350B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 3. Simplified Block Diagram
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com