Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5045 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments LM5045 Datasheet HTML 20Page - Texas Instruments LM5045 Datasheet HTML 21Page - Texas Instruments LM5045 Datasheet HTML 22Page - Texas Instruments LM5045 Datasheet HTML 23Page - Texas Instruments LM5045 Datasheet HTML 24Page - Texas Instruments LM5045 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
VIN UVLO
SS
SSSR
1.25V
1.25V
0.45V
1.0V
SS
Primary
SR1, SR2
SSSR
1.0V
VOUT
1.0V
Prebiased Load
COMP
Secondary
Bias
2.0V
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Feature Description (continued)
Figure 15. Prebias Voltage Start-up Waveforms
7.3.17 Soft-Stop Off
The Soft-Start Off (SSOFF) pin gives additional flexibility by allowing the power converter to be configured for
hard-stop during line UVLO and hiccup mode condition. If the SS OFF pin is pulled up to the 5-V REF pin, the
power converter hard-stops in any fault condition. Hard-stop drives each control output to a low state
immediately. Refer to Table 1 for more details.
Figure 16. Stop-Stop Waveforms During a UVLO Event
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com