Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115AMT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMT/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5115AMT/NOPB Datasheet HTML 6Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 12Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 13Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM5115A
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
DETAILED OPERATING DESCRIPTION
The LM5115A controller contains all of the features necessary to implement multiple output power converters
utilizing the Secondary Side Post Regulation (SSPR) technique. The SSPR technique develops a highly efficient
and well regulated auxiliary output from the secondary side switching waveform of an isolated power converter.
Regulation of the auxiliary output voltage is achieved by leading edge pulse width modulation (PWM) of the main
channel duty cycle. Leading edge modulation is compatible with either current mode or voltage mode control of
the main output. The LM5115A drives external high-side and low-side NMOS power switches configured as a
synchronous buck regulator. A current sense amplifier provides overload protection and operates over a wide
common mode input range from 0V to 13.5V. Additional features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead time control of the gate driver signals and thermal shutdown.
Low Drop-Out Bias Regulator (VCC)
The LM5115A contains an internal LDO regulator that operates over an input supply range from 4.5V to 30V.
The output of the regulator at the VCC pin is nominally regulated at 7V and is internally current limited to 40mA.
VCC is the main supply to the internal logic, PWM controller, and gate driver circuits. When power is applied to
the VBIAS pin, the regulator is enabled and sources current into an external capacitor connected to the VCC pin.
The recommended output capacitor range for the VCC regulator is 0.1uF to 100uF. When the voltage at the VCC
pin reaches the VCC under-voltage lockout threshold of 4.25V, the controller is enabled. The controller is
disabled if VCC falls below 4.0V (250mV hysteresis). In applications where an appropriate regulated dc bias
supply is available, the LM5115A controller can be powered directly through the VCC pin instead of the VBIAS
pin. In this configuration, it is recommended that the VCC and the VBIAS pins be connected together such that
the external bias voltage is applied to both pins. The allowable VCC range when biased from an external supply
is 4.5V to 7V.
Synchronization (SYNC) and Feed-Forward (RAMP)
The pulsing “phase signal” from the main converter synchronizes the PWM ramp and gate drive outputs of the
LM5115A. The phase signal is the square wave output from the transformer secondary winding before
rectification (Figure 1). A resistor connected from the phase signal to the low impedance SYNC pin produces a
square wave current (ISYNC) as shown in Figure 12. A current comparator at the SYNC input monitors ISYNC
relative to an internal 15µA reference. When ISYNC exceeds 15µA, the internal clock signal (CLK) is reset and the
capacitor connected to the RAMP begins to charge. The current source that charges the RAMP capacitor is
equal to 3 times the ISYNC current. The falling edge of the phase signal sets the CLK signal and discharges the
RAMP capacitor until the next rising edge of the phase signal. The RAMP capacitor is discharged to ground by a
low impedance (100
Ω) n-channel MOSFET. The input impedance at SYNC pin is 2.5kΩ which is normally much
smaller than the external SYNC pin resistance.
The RAMP and SYNC functions illustrated in Figure 12 provide line voltage feed-forward to improve the
regulation of the auxiliary output when the input voltage of the main converter changes. Varying the input voltage
to the main converter produces proportional variations in amplitude of the phase signal. The main channel PWM
controller adjusts the pulse width of the phase signal to maintain constant volt*seconds and a regulated main
output as shown in Figure 13. The variation of the phase signal amplitude and duration are reflected in the slope
and duty cycle of the RAMP signal of the LM5115A (ISYNC α phase signal amplitude). As a result, the duty cycle
of the LM5115A is automatically adjusted to regulate the auxiliary output voltage with virtually no change in the
PWM threshold voltage. Transient line regulation is improved because the PWM duty cycle of the auxiliary
converter is immediately corrected, independent of the delays of the voltage regulation loop.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com