Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115AMTX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMTX/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5115AMTX/NOPB Datasheet HTML 13Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 14Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 15Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 16Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 17Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 18Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 19Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 20Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
exceeds 45mV, the slow current limit amplifier gradually pulls down on COMP through the CO pin. Pulling COMP
low reduces the CRMIX signal and thereby reducing the operating duty cycle. By controlling the operating duty
cycle, the slow current limit amplifier will force a constant current mode of operation at the desired current limit
set point (Figure 23). A resistor in series with a capacitor are connected from the CO Pin to ground to provide
adequate control loop compensation for the slow current limit (Figure 21). The desired current limit set point,
ILimit, can be programmed by selecting the proper current sense resistor, RSENSE,using the following equation:
RSENSE = 0.045 V/ ILimit
In the event that the current sense input voltage, VCL, exceeds 60mV, the fast current limit amplifier will pull down
hard on COMP through the CO pin. This will reduce the CRMIX signal to a voltage below the CV signal level.
Therefore, the PWM comparator will inhibit output pulses. Once the fault condition is removed, the fast current
limit amplifier will release COMP. Therefore, the CRMIX signal will increase to a normal operating threshold and
the switching will resume (Figure 24). A current limit fold-back feature is provided by the LM5115A to reduce the
peak output current delivered to a shorted load. When the common mode input voltage to the current sense
amplifier (CS and VOUT pins) falls below 2V, the current limit threshold is reduced from the normal level. At
common mode voltages > 2V, the current limit threshold is nominally 45mV. When VOUT is reduced to 0 V the
current limit threshold drops to 39mV to reduce stress on the inductor and power MOSFETs.
Vphase=10V
CH1 = CO, 5V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 5A/Div
CH4 = SSPR Switch Signal, 5V/Div
Horizontal Resolution= 2 µs/Div
Figure 23. SSPR Steady State Current Limit (Output Shorted)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com