Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L26166 Datasheet(PDF) 2 Page - AMIC Technology

Part # A23L26166
Description  4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L26166 Datasheet(HTML) 2 Page - AMIC Technology

  A23L26166 Datasheet HTML 1Page - AMIC Technology A23L26166 Datasheet HTML 2Page - AMIC Technology A23L26166 Datasheet HTML 3Page - AMIC Technology A23L26166 Datasheet HTML 4Page - AMIC Technology A23L26166 Datasheet HTML 5Page - AMIC Technology A23L26166 Datasheet HTML 6Page - AMIC Technology A23L26166 Datasheet HTML 7Page - AMIC Technology A23L26166 Datasheet HTML 8Page - AMIC Technology A23L26166 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A23L26166/A23L261661/A23L261662 Series
Preliminary
4M X 16 / 8M X 8 BIT CMOS MASK ROM
PRELIMINARY
(December, 2009, Version 0.4)
1
AMIC Technology, Corp.
Features
4M x 16 bit or 8M x 8 bit organization
Supply voltage range: 2.7V~3.6V
Random access time: 90ns (max.)/2.7V~3.6V
Current: Operating: 30mA
Standby:
30μA
Page Size:
- 8 words per page
- Page access: 30ns (max.)/2.7V~3.6V
Three-state outputs for wired-OR expansion
Full static operation
All inputs and outputs are directly TTL-compatible
Available in 48-pin TSOP (Mask ROM type and flash
memory’s pinouts compatible) and 56-pin TSOP (I)
packages
All Pb-free (Lead-free) products are RoHS compliant
Pinout compatible with flash type (A23L261661)
Pin Configurations
TSOP (Mask ROM type)
TSOP (Flash type)
A23L261661V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
A20
NC
NC
A21
NC
NC
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O2
O10
O3
O11
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
BYTE
A16
A15
A19
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O9
O1
O8
O0
OE
GND
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1
A23L26166V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A16
A15
A14
A13
A12
A11
A10
A8
A19
A21
A20
A18
A17
A7
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O10
O3
O11
NC
VCC
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
GND
BYTE
A9
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O2
O9
O1
O8
O0
OE
GND
GND
A6
A5
A4
A3
A2
A1
A0
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com