Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L36166 Datasheet(PDF) 2 Page - AMIC Technology

Part # A23L36166
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36166 Datasheet(HTML) 2 Page - AMIC Technology

  A23L36166 Datasheet HTML 1Page - AMIC Technology A23L36166 Datasheet HTML 2Page - AMIC Technology A23L36166 Datasheet HTML 3Page - AMIC Technology A23L36166 Datasheet HTML 4Page - AMIC Technology A23L36166 Datasheet HTML 5Page - AMIC Technology A23L36166 Datasheet HTML 6Page - AMIC Technology A23L36166 Datasheet HTML 7Page - AMIC Technology A23L36166 Datasheet HTML 8Page - AMIC Technology A23L36166 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A23L36166/A23L361662 Series
Preliminary
8M X 16 / 16M X 8 BIT CMOS MASK ROM
PRELIMINARY
(December, 2009, Version 0.2)
1
AMIC Technology, Corp.
Features
8M x 16 bit or 16M x 8 bit organization
Supply voltage range: 2.7V~3.6V
Random access time: 90ns (max.)/2.7V~3.6V
Current: Operating: 30mA
Standby:
30μA
Page Size:
- 8 words per page
- Page access: 30ns (max.)/2.7V~3.6V
Three-state outputs for wired-OR expansion
Full static operation
All inputs and outputs are directly TTL-compatible
Available in 48-pin TSOP (Mask ROM type) and 56-pin
TSOP(I) packages
All Pb-free (Lead-free) products are RoHS compliant
Pin Configurations
48-pin TSOP (Mask ROM type)
A23L36166V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A16
A15
A14
A13
A12
A11
A10
A8
A19
A21
A20
A18
A17
A7
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O10
O3
O11
A22
VCC
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
GND
BYTE
A9
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O2
O9
O1
O8
O0
OE
GND
GND
A6
A5
A4
A3
A2
A1
A0
CE
56-pin TSOP(I)
A23L361662V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A22
A15
A14
A13
A12
A11
A10
A8
A19
A20
NC
NC
A21
NC
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
O3
O11
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
BYTE
A16
NC
NC
NC
A9
17
18
19
20
21
22
23
24
33
34
35
36
37
38
39
40
O10
O2
O9
O1
O8
O0
OE
GND
NC
A18
A17
A7
A6
A5
A4
A3
25
A2
26
A1
27
NC
28
NC
29
30
31
32
CE
A0
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com