Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L3616A Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L3616A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L3616A Datasheet(HTML) 2 Page - AMIC Technology

  A43L3616A Datasheet HTML 1Page - AMIC Technology A43L3616A Datasheet HTML 2Page - AMIC Technology A43L3616A Datasheet HTML 3Page - AMIC Technology A43L3616A Datasheet HTML 4Page - AMIC Technology A43L3616A Datasheet HTML 5Page - AMIC Technology A43L3616A Datasheet HTML 6Page - AMIC Technology A43L3616A Datasheet HTML 7Page - AMIC Technology A43L3616A Datasheet HTML 8Page - AMIC Technology A43L3616A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
A43L3616A Series
2M x 16 Bit x 4 Banks Synchronous DRAM
Preliminary
PRELIMINARY (November, 2011, Version 0.8)
1
AMIC Technology, Corp.
Features
JEDEC standard 3.3V ± 0.3V power supply
LVTTL compatible with multiplexed address
Four banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2,3)
- Burst Length (1,2,4,8)
- Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
Industrial operating range: -40
°C to +85°C for –U
Automotive temperature operation:-40
°C to +85°C for -A
Burst Read Single-bit Write operation
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
Available in 54 Balls CSP (8mm X 8mm) and 54-pin
TSOP(II) packages
Package is available to lead free (-F series)
All Pb-free (Lead-free) products are RoHS compliant
General Description
The A43L3616A is 134,217,728 bits synchronous high data
rate Dynamic RAM organized as 4 X 2,097,152 words by 16
bits,
abricated
with
AMIC’s
high
performance
CMOS
technology. Synchronous design allows precise cycle control
with the use of system clock. I/O transactions are possible on
every
clock
cycle.
Range
of
operating
frequencies,
programmable latencies allow the same device to be useful
for a variety of high bandwidth, high performance memory
system applications.
Pin Configuration
54 Balls CSP (8 mm x 8 mm)
Top View
54 Ball (6X9) CSP
1
2
3
7
8
9
A
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
B
DQ14
DQ13
VDDQ
VSSQ
DQ2
DQ1
C
DQ12
DQ11
VSSQ
VDDQ
DQ4
DQ3
D
DQ10
DQ9
VDDQ
VSSQ
DQ6
DQ5
E
DQ8
NC
VSS
VDD
LDQM
DQ7
F
UDQM
CLK
CKE
CAS
RAS
WE
G
NC
A11
A9
BA0
BA1
CS
H
A8
A7
A6
A0
A1
A10
J
VSS
A5
A4
A3
A2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com