Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A48P4616B Datasheet(PDF) 2 Page - AMIC Technology

Part # A48P4616B
Description  16M X 16 Bit DDR DRAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A48P4616B Datasheet(HTML) 2 Page - AMIC Technology

  A48P4616B Datasheet HTML 1Page - AMIC Technology A48P4616B Datasheet HTML 2Page - AMIC Technology A48P4616B Datasheet HTML 3Page - AMIC Technology A48P4616B Datasheet HTML 4Page - AMIC Technology A48P4616B Datasheet HTML 5Page - AMIC Technology A48P4616B Datasheet HTML 6Page - AMIC Technology A48P4616B Datasheet HTML 7Page - AMIC Technology A48P4616B Datasheet HTML 8Page - AMIC Technology A48P4616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
A48P4616B
16M X 16 Bit DDR DRAM
(January, 2014, Version 1.0)
1
AMIC Technology, Corp.
Features
CAS Latency and Frequency
Maximum Operating Frequency (MHz)
CAS Latency
DDR400 (5)
2
133
2.5
166
3
200
Double data rate architecture: two data transfers per
clock cycle.
Bidirectional data strobe (DQS) is transmitted and
received with data, to be used in capturing data at the
receiver.
DQS is edge-aligned with data for reads and is center-
aligned with data for writes.
Differential clock inputs (CK and CK )
Four internal banks for concurrent operation.
Data mask (DM) for write data.
DLL aligns DQ and DQS transitions with CK transitions.
Commands entered on each positive CK edge; data and
data mask referenced to both edges of DQS.
Burst lengths: 2, 4, or 8
CAS Latency: 2/2.5/3
Auto Precharge option for each burst access
Auto Refresh and Self Refresh Modes
8192 refresh cycles / 64ms (4 banks concurrent refresh)
2.5V (SSTL_2 compatible) I/O
VDD = VDDQ = 2.5V ± 0.2V
Industrial operating temperature range: -40ºC to +85ºC
for -U series.
Available Lead Free packaging
All Pb-free (Lead-free) products are RoHS compliant
General Description
The 256Mb DDR SDRAM uses a double-data-rate
architecture to achieve high-speed operation. The double
data rate architecture is essentially a 2n prefetch architecture
with an interface designed to transfer two data words per
clock cycle at the I/O pins. A single read or write access for
the 256Mb DDR SDRAM effectively consists of a single 2n-
bit wide, one clock cycle data transfer at the internal DRAM
core and two corresponding n-bit wide, one-half-clock-cycle
data transfers at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally,
along with data, for use in data capture at the receiver. DQS
is a strobe transmitted by the DDR SDRAM during Reads
and by the memory controller during Writes. DQS is edge-
aligned with data for Reads and center-aligned with data for
Writes.
The 256Mb DDR SDRAM operates from a differential clock
(CK and CK; the crossing of CK going high and CK going
LOW is referred to as the positive edge of CK). Commands
(address and control signals) are registered at every positive
edge of CK. Input data is registered on both edges of DQS,
and output data is referenced to both edges of DQS, as well
as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an Active
command, which is then followed by a Read or Write
command. The address bits registered coincident with the
Active command are used to select the bank and row to be
accessed. The address bits registered coincident with the
Read or Write command are used to select the bank and the
starting column location for the burst access.
The DDR SDRAM provides for programmable Read or Write
burst lengths of 2, 4, or 8 locations. An Auto Precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst access.
As with standard SDRAMs, the pipelined, multibank
architecture of DDR SDRAMs allows for concurrent
operation, thereby providing high effective bandwidth by
hiding row pre-charge and activation time.
An auto refresh mode is provided along with a power-saving
Power Down mode. All inputs are compatible with the
JEDEC Standard for SSTL_2. All outputs are SSTL_2, Class
II compatible.
The functionality described and the timing specifications
included in this data sheet are for the DLL Enabled mode of
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com