Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A64E06161 Datasheet(PDF) 2 Page - AMIC Technology

Part # A64E06161
Description  1M X 16 Bit Low Voltage Super RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64E06161 Datasheet(HTML) 2 Page - AMIC Technology

  A64E06161 Datasheet HTML 1Page - AMIC Technology A64E06161 Datasheet HTML 2Page - AMIC Technology A64E06161 Datasheet HTML 3Page - AMIC Technology A64E06161 Datasheet HTML 4Page - AMIC Technology A64E06161 Datasheet HTML 5Page - AMIC Technology A64E06161 Datasheet HTML 6Page - AMIC Technology A64E06161 Datasheet HTML 7Page - AMIC Technology A64E06161 Datasheet HTML 8Page - AMIC Technology A64E06161 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
A64E06161
1M X 16 Bit Low Voltage Super RAM
(January, 2012, Version 1.2)
1
AMIC Technology, Corp.
Features
Operating voltage:
VCC: 1.7V to 1.95V
VCCQ: 1.7V to VCC
Access times: tAA = 70ns (max.)
Page Access times: tPAA = 25ns (max)
Current:
A64E06161 series:
Operating Current (Icc1) : 15mA (max.)
Standby Current (Isb1) : 100uA (max)
Deep Power Down Standby Current (IZZ) : 10
μA (max.)
4-word page length
Support 4 distinct operation modes for reducing standby
power :
Deep Power Down (DPD) mode
Reduce Memory Size (RMS) mode (4M, 8M, 12M)
Partial Array Refresh (PAR) mode (4M,8M,12M)
Temperature Compensated Refresh (TCR) mode
Industrial operating temperature range: -25
°C to +85°C
for – I
Available in 48-ball Mini BGA (6X8) package
All Pb-free (Lead-free) products are RoHS compliant
General Description
The A64E06161 is a low operating current 16,777,216-bit
super RAM organized as 1,048,576 word by 16bit and
operated on low power supply voltage from 1.7V to 1.95V.
It is built using AMIC’s high performance CMOS DRAM
process.
Using hidden refresh technique, the A64E06161 provides a
compatible asynchronous interface and data can be read in
4-word page mode for fast access times. The A64E06161
has an internal register named the Configuration Register
(CR) that controls the operation. The A64E06161 is
designed for reducing current consumption during hidden
self refresh and operating through following mode: Deep
Power Down (DPD) mode, Reduce Memory Size (RMS)
mode, Partial Array Refresh (PAR) mode and Temperature
Compensated refresh (TCR) mode.
This A64E06161 is suited for low power application such as
mobile phone and PDA or other battery-operated handheld
device.
Pin Configuration
Mini BGA (6X8) Top View
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
ZZ
B
I/O8
HB
A3
A4
CE
I/O0
C
I/O9
I/O10
A5
A6
I/O1
I/O2
D
VSSQ
I/O11
A17
A7
I/O3
VCC
E
VCCQ
I/O12
NC*
A16
I/O4
VSS
F
I/O14
I/O13
A14
A15
I/O5
I/O6
G
I/O15
A19
A12
A13
WE
I/O7
H
A18
A8
A9
A10
A11
NC
A64E06161G
* No connection to any electronic signal on NC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com