Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67P1618A Datasheet(PDF) 2 Page - AMIC Technology

Part # A67P1618A
Description  2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P1618A Datasheet(HTML) 2 Page - AMIC Technology

  A67P1618A Datasheet HTML 1Page - AMIC Technology A67P1618A Datasheet HTML 2Page - AMIC Technology A67P1618A Datasheet HTML 3Page - AMIC Technology A67P1618A Datasheet HTML 4Page - AMIC Technology A67P1618A Datasheet HTML 5Page - AMIC Technology A67P1618A Datasheet HTML 6Page - AMIC Technology A67P1618A Datasheet HTML 7Page - AMIC Technology A67P1618A Datasheet HTML 8Page - AMIC Technology A67P1618A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
A67P1618A/A67P0636A Series
Preliminary
2M X 18, 1M X 36 LVTTL, Pipelined ZeBL
TM SRAM
PRELIMINARY (May, 2008, Version 0.0)
2
AMIC Technology, Corp.
Features
Fast access time:
2.6/2.8/3.2/3.5/3.8/4.2 (250/227/200/166/150/133MHz)
Zero Bus Latency between READ and WRITE cycles
allows 100% bus utilization
Signal +2.5V
± 5% power supply
Individual Byte Write control capability
Clock enable ( CEN) pin to enable clock and suspend
operations
Clock-controlled and registered address, data and
control signals
Registered output for pipelined applications
Three separate chip enables allow wide range of
options for CE control, address pipelining
Internally self-timed write cycle
Selectable BURST mode (Linear or Interleaved)
SLEEP mode (ZZ pin) provided
Available in 100 pin LQFP package
Industrial operating temperature range: -25
°C to +85°C
for -I series
All Pb-free (Lead-free) products are RoHS compliant
General Description
The AMIC Zero Bus Latency (ZeBL
TM) SRAM family
employs high-speed, low-power CMOS designs using an
advanced CMOS process.
The A67P1618A, A67P0636A SRAMs integrate a 2M X 18,
1M X 36 SRAM core with advanced synchronous peripheral
circuitry and a 2-bit burst counter. These SRAMs are
optimized for 100 percent bus utilization without the
insertion of any wait cycles during Write-Read alternation.
The positive edge triggered single clock input (CLK) controls
all synchronous inputs passing through the registers. The
synchronous inputs include all address, all data inputs,
active low chip enable ( CE), two additional chip enables for
easy depth expansion (CE2, CE2 ), cycle start input
(ADV/ LD ), synchronous clock enable ( CEN ), byte write
enables (BW1,BW2 ,BW3 ,BW4 ) and read/write (R/ W ).
Asynchronous inputs include the output enable ( OE ), clock
(CLK), SLEEP mode (ZZ, tied LOW if unused) and burst
mode (MODE). Burst Mode can provide either interleaved or
linear operation, burst operation can be initiated by
synchronous address Advance/Load (ADV/LD ) pin in Low
state.
Subsequent
burst
address
can
be
internally
generated by the chip and controlled by the same input pin
ADV/LD in High state.
Write cycles are internally self-time and synchronous with
the rising edge of the clock input and when R/ W is Low.
The feature simplified the write interface. Individual Byte
enables allow individual bytes to be written. BW1 controls
I/Oa pins; BW2 controls I/Ob pins; BW3 controls I/Oc pins;
and BW4 controls I/Od pins. Cycle types can only be
defined when an address is loaded.
The SRAM operates from a +2.5V power supply, and all
inputs and outputs are LVTTL-compatible. The device is
ideally suited for high bandwidth utilization systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com