Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115AMT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115AMT/NOPB
Description  LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115AMT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25115AMT/NOPB Datasheet HTML 9Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 10Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 11Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 12Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 13Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 14Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 15Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 16Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RT1 =
0.8 x RT2
VOUT2 - 0.8
TRACK
R
T2
R
T1
R
FB2
R
FB1
FB
V
OUT2
V
FB
LM5115A
Master
Power
Supply
V
SS
V
OUT1
VOUT1
VOUT2
3.3V
2.5V
LM25115A
www.ti.com
SNVS501B – FEBRUARY 2007 – REVISED APRIL 2013
Figure 14.
Figure 15.
Vphase = 10V
CH1 = Master output, 1V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 1A/Div
CH4 = SSPR Output (Slave), 1V/Div
Horizontal Resolution= 200 µs/Div
Figure 16. Tracking with Equal Soft Start Time
Alternatively, the tracking feature can be used to create equal slew rates between the output voltages of the
master supply and the LM25115A. This method ensures that the output voltage of the LM25115A always
reaches regulation before the output voltage of the master supply. In this case, the tracking resistors can be
determined based on the following equation:
Again, a value of 10k
Ω 1% is recommended for RT2. For the case of VOUT1 = 3.3V and VOUT2 = 2.5V, RT1
should be 4.32 k
Ω 1%. The timing diagram and the waveforms for equal slew rates configuration are shown in
Figure 17 and Figure 18.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com