Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 24 Page - Texas Instruments

Part # REF200
Description  REF200 Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF200 Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF200_15 Datasheet HTML 20Page - Texas Instruments REF200_15 Datasheet HTML 21Page - Texas Instruments REF200_15 Datasheet HTML 22Page - Texas Instruments REF200_15 Datasheet HTML 23Page - Texas Instruments REF200_15 Datasheet HTML 24Page - Texas Instruments REF200_15 Datasheet HTML 25Page - Texas Instruments REF200_15 Datasheet HTML 26Page - Texas Instruments REF200_15 Datasheet HTML 27Page - Texas Instruments REF200_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
100µA
V = +In – (–In)
100µA
O
–V
S
INA105
+V
S
–In
PMI
MAT03
+In
1/2
OPA1013
1/2
OPA1013
V
V
CENTER
O
I
W
–V , +V
= 100µA • R
W
W
–V
W
+V
V
5V
The
Window
0
1k
–V
S
V
O
CENTER
V
V
I
100µA
100µA
0.01µF
R
(3)
(2)
(1)
0.01µF
(1)
R
(3)
+5V
1/2
LM393
1/2
LM393
NOTES: (1) Capacitors optional to reduce noise and switching time.
(2) Programs center of threshold voltage. (3) Programs window voltage.
+V
S
(2)
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
System Examples (continued)
Figure 40. Window Comparator
Figure 41. Instrumentation Amplifier With Compliance to –VS
24
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com