Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3012
Description  50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3012 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3012_15 Datasheet HTML 6Page - Texas Instruments REF3012_15 Datasheet HTML 7Page - Texas Instruments REF3012_15 Datasheet HTML 8Page - Texas Instruments REF3012_15 Datasheet HTML 9Page - Texas Instruments REF3012_15 Datasheet HTML 10Page - Texas Instruments REF3012_15 Datasheet HTML 11Page - Texas Instruments REF3012_15 Datasheet HTML 12Page - Texas Instruments REF3012_15 Datasheet HTML 13Page - Texas Instruments REF3012_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REF3012, 3020, 3025, 3030, 3033, 3040
10
SBVS032F
www.ti.com
FIGURE 6. Basic Data Acquisition System 1.
FIGURE 7. Basic Data Acquisition System 2.
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω
1
µF to 10µF
1
µF to
10
µF
3.3V
0.1
µF
V
IN
V+
V
S
Microcontroller
REF3033
GND
ADS8324
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω
1
µF to 10µF
1
µF to 10µF
0.1
µF
0V to 1.25V
Microcontroller
2.5V Supply
REF3012
GND
V
IN
V
OUT
2.5V
1.25V
V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com