Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5010 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF5010
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5010_15 Datasheet HTML 6Page - Texas Instruments REF5010_15 Datasheet HTML 7Page - Texas Instruments REF5010_15 Datasheet HTML 8Page - Texas Instruments REF5010_15 Datasheet HTML 9Page - Texas Instruments REF5010_15 Datasheet HTML 10Page - Texas Instruments REF5010_15 Datasheet HTML 11Page - Texas Instruments REF5010_15 Datasheet HTML 12Page - Texas Instruments REF5010_15 Datasheet HTML 13Page - Texas Instruments REF5010_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C
BYPASS
1 Fto10 F
m
m
C
L
1 Fto50 F
m
m
+V
SUPPLY
V
OUT
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
+V
SUPPLY
10kW
1kW
470kW
R5
60kW
REF50xx
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10 A
m
at+25 C)
°
R2
R1
R3
R4
10kW
1kW
1.2V
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410F – JUNE 2007 – REVISED DECEMBER 2013
www.ti.com
APPLICATION INFORMATION
requirement
of
2.7V,
these
references
can
be
The REF50xx is family of low-noise, precision
operated with a supply of 200mV above the output
bandgap voltage references that are specifically
voltage
in
an
unloaded
condition.
For
loaded
designed for excellent initial voltage accuracy and
conditions, a typical dropout voltage versus load plot
drift. Figure 28 shows a simplified block diagram of
is shown in Figure 6 of the Typical Characteristics.
the REF50xx.
OUTPUT ADJUSTMENT USING THE TRIM/NR
PIN
The REF50xx provides a very accurate, factory-
trimmed voltage output. However, VOUT can be
adjusted using the trim and noise reduction pin
(TRIM/NR, pin 5). Figure 30 shows a typical circuit
that allows an output adjustment of ±15mV
Figure 28. REF50xx Simplified Block Diagram
BASIC CONNECTIONS
Figure 30. VOUT Adjustment Using the TRIM/NR
Figure 29 shows the typical connections for the
Pin
REF50xx.
A
supply
bypass
capacitor
ranging
between 1
μF to 10μF is recommended. A 1μF to
The REF50xx allows access to the bandgap through
50
μF output capacitor (CL) must be connected from
the TRIM/NR pin. Placing a capacitor from the
VOUT to GND. The ESR value of CL must be less than
TRIM/NR pin to GND (see Figure 31) in combination
or equal to 1.5
Ω to ensure output stability. To
with the internal R3 and R4 resistors creates a low-
minimize noise, the recommended ESR of CL is
pass filter. A capacitance of 1
μF creates a low-pass
between 1
Ω and 1.5Ω.
filter with the corner frequency between 10Hz and
20Hz. Such a filter decreases the overall noise
measured
on
the
VOUT
pin
by
half.
Higher
capacitance results in a lower filter cutoff frequency,
further reducing output noise. Note that use of this
capacitor increases startup time.
Figure 29. Basic Connections
SUPPLY VOLTAGE
The REF50xx family of voltage references features
Figure 31. Noise Reduction Using the TRIM/NR
extremely low dropout voltage. With the exception of
Pin
the
REF5020,
which
has
a
minimum
supply
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com