Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1832 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM1832
Description  Power Supply Monitor and Reset Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1832 Datasheet(HTML) 3 Page - ON Semiconductor

  ASM1832 Datasheet HTML 1Page - ON Semiconductor ASM1832 Datasheet HTML 2Page - ON Semiconductor ASM1832 Datasheet HTML 3Page - ON Semiconductor ASM1832 Datasheet HTML 4Page - ON Semiconductor ASM1832 Datasheet HTML 5Page - ON Semiconductor ASM1832 Datasheet HTML 6Page - ON Semiconductor ASM1832 Datasheet HTML 7Page - ON Semiconductor ASM1832 Datasheet HTML 8Page - ON Semiconductor ASM1832 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ASM1832
http://onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VCC = 1.2 V to 5.5 V and specifications are over the
operating temperature range of −40°C to +85°C. All voltages are referenced to ground.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.0
5.5
V
ST and PBRST Input High Level
VIH
VCC ≥ 2.7 V
2
VCC+0.3
V
ST and PBRST Input High Level
VIH
VCC < 2.7 V
VCC−0.4V
V
ST and PBRST Input Low Level
VIL
−0.3
0.5
V
VCC Trip Point (TOL = GND)
VCCTP
2.80
2.88
2.97
V
VCC Trip Point (TOL = VCC)
VCCTP
2.47
2.55
2.64
V
Watchdog Timeout Period
tTD
TD = GND
62.5
150
250
mS
Watchdog Timeout Period
tTD
TD = VCC
500
1200
2000
mS
Watchdog Timeout Period
tTD
TD Floating
250
610
1000
mS
Output Voltage
VOH
I = −500 mA, VCC < 2.7 V
(Note 2)
VCC−0.3V
VCC−0.1V
V
Output Current
IOH
Output = 2.4 V, VCC ≥ 2.7 V
350
mA
Output Current
IOL
Output = 0.4 V, VCC ≥ 2.7 V
10
mA
Input Leakage
IIL
−1.0
1.0
mA
RESET Low Level
VOL
(Note 2)
0.4
V
Internal Pull−up Resistor
PBRST pin
40
kW
Operating Current
ICC1
Outputs open, VCC ≤ 3.6 V
and all inputs at VCC or GND
20
mA
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
PBRST Manual Reset
Minimum Low Time
tPB
PBRST = VIL
20
ms
Reset Active Time
tRST
250
610
1000
ms
ST Pulse Width
tST
Must not exceed tRD
minimum. Watchdog cannot
be disabled.
20
ns
VCC Fail Detect to RESET or
RESET
tRPD
Pulses < 2 ms at VCCTP
minimum will not cause reset
5
8
ms
VCC Slew Rate
tF
20
ms
PBRST Stable LOW to
RESET and RESET Active
tPDLY
20
ms
VCC Detect to RESET or
RESET inactive
tRPU
trise = 5 ms
250
610
1000
ms
VCC Slew Rate
tR
0
ns
2. RESET remains within 0.5 V of VCC on power−down until VCC falls below 2 V. RESET remains within 0.5 V of ground on power−down until
VCC falls below 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com