Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4531 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # 1N4531
Description  PERFORMANCE SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4531 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button 1N4531 Datasheet HTML 9Page - Microsemi Corporation 1N4531 Datasheet HTML 10Page - Microsemi Corporation 1N4531 Datasheet HTML 11Page - Microsemi Corporation 1N4531 Datasheet HTML 12Page - Microsemi Corporation 1N4531 Datasheet HTML 13Page - Microsemi Corporation 1N4531 Datasheet HTML 14Page - Microsemi Corporation 1N4531 Datasheet HTML 15Page - Microsemi Corporation 1N4531 Datasheet HTML 16Page - Microsemi Corporation 1N4531 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MIL-PRF-19500/116L
13
TABLE I. Group A inspection.
MIL-STD-750
Limits
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 1
Visual and mechanical
inspection
2071
Subgroup 2
Thermal impedance
3101
See 4.5.5
Z6JX
70
qC/W
Forward voltage
4011
IF = 10 mA dc
VF1
0.8
V dc
Breakdown voltage
4021
IR = 100 PA dc
VBR1
100
V dc
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 20 V dc
IR1
25
25
25
nA dc
nA dc
nA dc
Reverse current
4016
DC method
VR = 75 V dc
IR2
500
nA dc
Forward voltage
4011
IF = 50 mA dc
IF = 100 mA dc
IF = 100 mA dc
VF2
1.2
1.2
1.2
V dc
V dc
V dc
Subgroup 3
High temperature
operation:
TA = +150
qC
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 20 V dc
IR3
35
PA dc
Reverse current
1N914
1N4531
1N4148-1
4016
DC method
VR = 75 V dc
IR4
75
75
75
PA dc
PA dc
PA dc
Forward voltage
1N914
1N4531
1N4148-1
4011
IF = 10 mA dc
VF3
0.8
0.8
0.8
V dc
V dc
V dc
See footnote at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com