Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3126 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FST3126
Description  4-Bit Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3126 Datasheet(HTML) 3 Page - ON Semiconductor

  FST3126 Datasheet HTML 1Page - ON Semiconductor FST3126 Datasheet HTML 2Page - ON Semiconductor FST3126 Datasheet HTML 3Page - ON Semiconductor FST3126 Datasheet HTML 4Page - ON Semiconductor FST3126 Datasheet HTML 5Page - ON Semiconductor FST3126 Datasheet HTML 6Page - ON Semiconductor FST3126 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FST3126
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 to )7.0
V
VO
DC Output Voltage
*0.5 to )7.0
V
IIK
DC Input Diode Current
VI t GND
*50
mA
IOK
DC Output Diode Current
VO t GND
*50
mA
IO
DC Output Sink Current
128
mA
ICC
DC Supply Current per Supply Pin
$100
mA
IGND
DC Ground Current per Ground Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
)150
_C
qJA
Thermal Resistance (Note 1)
SOIC
TSSOP
125
170
_C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model
u4000
u300
u2000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 4)
$500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
Operating, Data Retention Only
4.0
5.5
V
VI
Input Voltage
(Note 5)
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
_C
Dt/DV
Input Transition Rise or Fall Rate
Switch Control Input
Switch I/O
0
0
5
DC
ns/V
5. Unused control inputs may not be left open. All control inputs must be tied to a high or low logic input voltage level.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com