Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3126DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # FST3126DR2G
Description  4-Bit Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3126DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  FST3126DR2G Datasheet HTML 1Page - ON Semiconductor FST3126DR2G Datasheet HTML 2Page - ON Semiconductor FST3126DR2G Datasheet HTML 3Page - ON Semiconductor FST3126DR2G Datasheet HTML 4Page - ON Semiconductor FST3126DR2G Datasheet HTML 5Page - ON Semiconductor FST3126DR2G Datasheet HTML 6Page - ON Semiconductor FST3126DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FST3126
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
VCC
TA = −55_C to +125_C
Symbol
Parameter
Conditions
(V)
Min
Typ*
Max
Unit
VIK
Clamp Diode Resistance
IIN = *18mA
4.5
*1.2
V
VIH
High−Level Input Voltage
4.0 to 5.5
2.0
V
VIL
Low−Level Input Voltage
4.0 to 5.5
0.8
V
II
Input Leakage Current
0 v VIN v 5.5 V
5.5
$1.0
mA
IOZ
OFF−STATE Leakage Current
0 v A, B v VCC
5.5
$1.0
mA
RON
Switch On Resistance (Note 6)
VIN = 0 V, IIN = 64 mA
4.5
4
7
W
VIN = 0 V, IIN = 30 mA
4.5
4
7
VIN = 2.4 V, IIN = 15 mA
4.5
8
15
VIN = 2.4 V, IIN = 15 mA
4.0
11
20
ICC
Quiescent Supply Current
VIN = VCC or GND, IOUT = 0
5.5
3
mA
DICC
Increase In ICC per Input
One input at 3.4 V, Other inputs at VCC or GND
5.5
2.5
mA
*Typical values are at VCC = 5.0 V and TA = 25_C.
6. Measured by the voltage drop between A and B pins at the indicated current through the switch.
AC ELECTRICAL CHARACTERISTICS
Limits
TA = −55_C to +125_C
VCC = 4.5 to 5.5 V
VCC = 4.0 V
Symbol
Parameter
Conditions
Figures
Min
Max
Min
Max
Unit
tPHL,
tPLH
Prop Delay Bus to Bus
(Note 7)
VI = OPEN
3 and 4
0.25
0.25
ns
tPZH,
tPZL
Output Enable Time
VI = 7 V for tPZL
VI = OPEN for tPZH
3 and 4
1.0
4.5
5.0
ns
tPHZ,
tPLZ
Output Disable Time
VI = 7 V for tPLZ
VI = OPEN for tPHZ
3 and 4
1.5
5.7
6.2
ns
7. This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the
typical On resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
CAPACITANCE (Note 8)
Symbol
Parameter
Conditions
Typ
Max
Unit
CIN
Control Pin Input Capacitance
VCC = 5.0 V
3
pF
CI/O
Input/Output Capacitance
VCC = 5.0 V, OE = 0 V
5
pF
8. TA = )25_C, f = 1 MHz, Capacitance is characterized but not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com