Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4631VC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA4631VC
Description  2-Channel SE AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4631VC Datasheet(HTML) 2 Page - ON Semiconductor

  LA4631VC Datasheet HTML 1Page - ON Semiconductor LA4631VC Datasheet HTML 2Page - ON Semiconductor LA4631VC Datasheet HTML 3Page - ON Semiconductor LA4631VC Datasheet HTML 4Page - ON Semiconductor LA4631VC Datasheet HTML 5Page - ON Semiconductor LA4631VC Datasheet HTML 6Page - ON Semiconductor LA4631VC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA4631VC
No.A2051-2/7
Electrical Characteristics
at Ta = 25°C, VCC = 12V, RL = 3Ω, f = 1kHz, Rg = 600Ω
Parameter
Symbol
Conditions
Ratings
Unit
Min.
Typ.
Max.
Quiescent current
ICCO
Rg = 0Ω
18
35
80
mA
Standby current
Ist
1
10
µA
Voltage gain
VG
VO = 0dBm
33
35
37
dB
Total harmonic distortion
THD
PO = 1W
0.15
0.4
%
Output power
PO1
THD = 10%
3.0
4.5
W
PO2
VCC = 9V, THD = 10%
2.0
2.5
W
Output noise voltage
VNO
Rg = 0Ω, BPF = 20Hz to 20kHz
0.05
0.25
mVrms
Ripple rejection
SVRR
Rg = 0Ω, fR = 100Hz, VCCR = 0dBm
50
60
dB
Channel separation
CHsep
Rg = 10kΩ, VO = 0dBm
55
65
dB
Input resistance
Ri
20
30
40
kΩ
Standby pin applied voltage
Vst
Amplifier on(Pin 5 voltage)
1.5
5.0
V
Package Dimensions
Unit : mm (typ)
3049C
SANYO : SIP12H
26.8
(20.0)
1.0
2.0
4.0
0.5
0.4
1
12
(2.4)
(R1.7)
2.0
HEAT SPREADER
Pd max -- Ta
100
×100 ×1.5mm3
50
× 50× 1.5mm3
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
140
160
3.2
7
12.5
With an infinitely
large heat sink
Single IC
Ambient temperature, Ta -- C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com