Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67X0636A Datasheet(PDF) 2 Page - AMIC Technology

Part # A67X0636A
Description  2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67X0636A Datasheet(HTML) 2 Page - AMIC Technology

  A67X0636A Datasheet HTML 1Page - AMIC Technology A67X0636A Datasheet HTML 2Page - AMIC Technology A67X0636A Datasheet HTML 3Page - AMIC Technology A67X0636A Datasheet HTML 4Page - AMIC Technology A67X0636A Datasheet HTML 5Page - AMIC Technology A67X0636A Datasheet HTML 6Page - AMIC Technology A67X0636A Datasheet HTML 7Page - AMIC Technology A67X0636A Datasheet HTML 8Page - AMIC Technology A67X0636A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
A67X1618A/A67X0636A Series
Preliminary
2M X 18, 1M X 36 LVTTL, Pipelined ZeBL
TM SRAM
PRELIMINARY (April, 2008, Version 0.0)
2
AMIC Technology, Corp.
Features
Fast access time:
2.6/2.8/3.2/3.5/3.8/4.2 (250/227/200/166/150/133MHz)
Zero Bus Latency between READ and WRITE cycles
allows 100% bus utilization
VCC = +2.5V ± 5% or +3.3V ± 5% power supply
Individual Byte Write control capability
Clock enable ( CEN) pin to enable clock and suspend
operations
Clock-controlled and registered address, data and control
signals
Registered output for pipelined applications
Three separate chip enables allow wide range of options
for CE control, address pipelining
Internally self-timed write cycle
Selectable BURST mode (Linear or Interleaved)
SLEEP mode (ZZ pin) provided
Available in 100 pin LQFP package
Industrial operating temperature range: -25
°C to +85°C
for -I series
All Pb-free (Lead-free) products are RoHS compliant
General Description
The AMIC Zero Bus Latency (ZeBL
TM) SRAM family employs
high-speed, low-power CMOS designs using an advanced
CMOS process.
The A67X1618A, A67X0636A SRAMs integrate a 2M X 18,
1M X 36 SRAM core with advanced synchronous peripheral
circuitry and a 2-bit burst counter. These SRAMs are
optimized for 100 percent bus utilization without the insertion
of any wait cycles during Write-Read alternation. The positive
edge
triggered
single
clock
input
(CLK)
controls
all
synchronous inputs passing through the registers. The
synchronous inputs include all address, all data inputs, active
low chip enable ( CE ), two additional chip enables for easy
depth expansion (CE2, CE2 ), cycle start input (ADV/ LD ),
synchronous clock enable ( CEN ), byte write enables
(BW1,BW2 ,BW3 ,BW4 ) and read/write (R/ W ).
Asynchronous inputs include the output enable ( OE ), clock
(CLK), SLEEP mode (ZZ, tied LOW if unused) and burst
mode (MODE). Burst Mode can provide either interleaved or
linear
operation,
burst
operation
can
be
initiated
by
synchronous address Advance/Load (ADV/ LD ) pin in Low
state. Subsequent burst address can be internally generated
by the chip and controlled by the same input pin ADV/LD in
High state.
Write cycles are internally self-time and synchronous with the
rising edge of the clock input and when R/ W is Low. The
feature simplified the write interface. Individual Byte enables
allow individual bytes to be written. BW1 controls I/Oa pins;
BW2 controls I/Ob pins; BW3 controls I/Oc pins; and BW4
controls I/Od pins. Cycle types can only be defined when an
address is loaded.
The SRAM operates from a +3.3V power supply, and all
inputs and outputs are LVTTL-compatible. The device is
ideally suited for high bandwidth utilization systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com