Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29002 Datasheet(PDF) 2 Page - AMIC Technology

Part # A29002
Description  Boot Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29002 Datasheet(HTML) 2 Page - AMIC Technology

  A29002_15 Datasheet HTML 1Page - AMIC Technology A29002_15 Datasheet HTML 2Page - AMIC Technology A29002_15 Datasheet HTML 3Page - AMIC Technology A29002_15 Datasheet HTML 4Page - AMIC Technology A29002_15 Datasheet HTML 5Page - AMIC Technology A29002_15 Datasheet HTML 6Page - AMIC Technology A29002_15 Datasheet HTML 7Page - AMIC Technology A29002_15 Datasheet HTML 8Page - AMIC Technology A29002_15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
A29002/A290021 Series
256K X 8 Bit CMOS 5.0 Volt-only,
Boot Sector Flash Memory
(November, 2014, Version 1.7)
1
AMIC Technology, Corp.
Features
5.0V
± 10% for read and write operations
Access times:
- 70/90/120/150 (max.)
Current:
- 20 mA typical active read current
- 30 mA typical program/erase current
- 1
μA typical CMOS standby
Flexible sector architecture
- 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX3 sectors
- Any combination of sectors can be erased
- Supports full chip erase
- Sector protection:
A hardware method of protecting sectors to prevent
any inadvertent program or erase operations within that
sector
Top or bottom boot block configurations available
Embedded Erase Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors
and verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies bytes at specified addresses
Minimum 100,000 program/erase cycles per sector
20-year data retention at 125
°C
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-
supply Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
- Provides a software method of detecting completion of
program or erase operations
Erase Suspend/Erase Resume
- Suspends a sector erase operation to read data from,
or program data to, a non-erasing sector, then
resumes the erase operation
Hardware reset pin ( RESET )
- Hardware method to reset the device to reading array
data (not available on A290021)
Package options
- 32-pin P-DIP, PLCC, or TSOP (Forward type)
General Description
The A29002 is a 5.0 volt-only Flash memory organized as
262,144 bytes of 8 bits each. The A29002 offers the
RESET function, but it is not available on A290021. The
256 Kbytes of data are further divided into seven sectors for
flexible sector erase capability. The 8 bits of data appear on
I/O0 - I/O7 while the addresses are input on A0 to A17. The
A29002 is offered in 32-pin PLCC, TSOP, and PDIP
packages. This device is designed to be programmed in-
system with the standard system 5.0 volt VCC supply.
Additional 12.0 volt VPP is not required for in-system write or
erase operations. However, the A29002 can also be
programmed in standard EPROM programmers.
The A29002 has the first toggle bit, I/O6, which indicates
whether an Embedded Program or Erase is in progress, or it
is in the Erase Suspend. Besides the I/O6 toggle bit, the
A29002 has a second toggle bit, I/O2, to indicate whether the
addressed sector is being selected for erase. The A29002
also offers the ability to program in the Erase Suspend
mode. The standard A29002 offers access times of 70, 90,
120, and 150 ns, allowing high-speed microprocessors to
operate without wait states. To eliminate bus contention the
device has separate chip enable ( CE ), write enable ( WE )
and output enable ( OE ) controls.
The device requires only a single 5.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The A29002 is entirely software command set compatible with
the JEDEC single-power-supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register contents
serve as input to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and
erase operations. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device erasure occurs by executing the proper erase
command sequence. This initiates the Embedded Erase
algorithm
-
an
internal
algorithm
that
automatically
preprograms the array (if it is not already programmed) before
executing the erase operation. During erase, the device
automatically times the erase pulse widths and verifies proper
erase margin.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 (Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data contents
of other sectors. The A29002 is fully erased when shipped
from the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com