Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S16512A Datasheet(PDF) 3 Page - AMIC Technology

Part # LP62S16512A
Description  8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16512A Datasheet(HTML) 3 Page - AMIC Technology

  LP62S16512A Datasheet HTML 1Page - AMIC Technology LP62S16512A Datasheet HTML 2Page - AMIC Technology LP62S16512A Datasheet HTML 3Page - AMIC Technology LP62S16512A Datasheet HTML 4Page - AMIC Technology LP62S16512A Datasheet HTML 5Page - AMIC Technology LP62S16512A Datasheet HTML 6Page - AMIC Technology LP62S16512A Datasheet HTML 7Page - AMIC Technology LP62S16512A Datasheet HTML 8Page - AMIC Technology LP62S16512A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP62S16512A Series
PRELIMINARY
(November, 2014, Version 0.0)
3
AMIC Technology, Corp.
Pin Configurations
TSOP (I)
LP62S16512AV
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
NC
WE
CS2
NC
HB
LB
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
I/O2
I/O10
I/O3
I/O11
VCC
I/O4
I/O12
I/O5
I/O13
I/O6
I/O14
I/O7
I/O15/A19
GND
BYTE
A16
A15
NC
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
I/O9
I/O1
I/O8
I/O0
OE
GND
CS1
A0
A17
A7
A6
A5
A4
A3
A2
A1
CSP (Chip Size Package)
48-pin Top View
I/O8
I/O9
GND
VCC
I/O14
I/O15
A18
A8
NC
A9
A12
A10
A11
NC
A13
A14
A15
I/O7
I/O6
I/O2
I/O0
GND
VCC
A0
A3
A5
A6
A4
A1
A2
CS2
6
5
4
3
2
1
A
B
C
D
E
F
G
H
I/O13
I/O12
I/O11
I/O10
A17
NC
A7
A16
I/O1
I/O3
I/O4
I/O5
LB
HB
WE
OE
CS1
Note:
The BYTE pin in the 48-pin TSOP (I) package must be tied HIGH to use the device as a 512K x 16 SRAM. The 48-pin TSOP (I)
package can also be used as a 1M x 8 SRAM by tied the BYTE signal LOW. In the 1M x 8 configuration, pin 45 is A19, while
HB , LB and I/O8 to I/O14 pins are not used (NC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com