Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S161024 Datasheet(PDF) 13 Page - AMIC Technology

Part # LP62S161024
Description  16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S161024 Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP62S161024 Datasheet HTML 8Page - AMIC Technology LP62S161024 Datasheet HTML 9Page - AMIC Technology LP62S161024 Datasheet HTML 10Page - AMIC Technology LP62S161024 Datasheet HTML 11Page - AMIC Technology LP62S161024 Datasheet HTML 12Page - AMIC Technology LP62S161024 Datasheet HTML 13Page - AMIC Technology LP62S161024 Datasheet HTML 14Page - AMIC Technology LP62S161024 Datasheet HTML 15Page - AMIC Technology LP62S161024 Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LP62S161024 Series
PRELIMINARY
(November, 2014, Version 0.0)
13
AMIC Technology, Corp.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise And Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1
, tCLZ2 , tBHZ , tBLZ ,
tOLZ
, tCHZ1, tCHZ2 , tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = 0°C to +70°C or -40°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
3.6
V
1
CS
≥ VCC - 0.2V or
CS2
≤ 0.2V or
LB = HB
≥ VCC-0.2V
ICCDR
Data Retention Current
-
6*
μA
VCC = 2.0V,
1
CS
≥ VCC - 0.2V or
CS2
≤ 0.2V or
LB = HB
≥ VCC-0.2V
VIN
≥ VCC-0.2V or VIN ≤ 0.2V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform
tVR
VCC Rising Time from Data Retention
Voltage to Operating Voltage
5
-
ms
* LP62S161024-55/70LL(I)
ICCDR: max.
1
μA at TA = 25°C
(3
μA at TA = 0°C to +40°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com