Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222ADC Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2222ADC
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2222ADC Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2222ADC Datasheet HTML 1Page - Microsemi Corporation 2N2222ADC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics @ Tj = 25
°C
Symbol
Parameter
Conditions
Min
Max
Unit
OFF CHARACTERISTICS
V(BR)CBO
Breakdown Voltage, Collector to Base
Bias Cond. D, IC=10uAdc
75
Vdc
V(BR)EBO
Breakdown Voltage, Emitter to Base
Bias Cond. D, IE=10uAdc
6
Vdc
V(BR)CEO
Breakdown Voltage, Collector to Emitter
Bias Cond. D, IC= 10mAdc, pulsed
50
Vdc
ICES
Collector to Emitter Cutoff Current
Bias Cond. D, VCE=50Vdc
50 nAdc
ICBO1
Collector to Base Cutoff Current
Bias Cond. D, VCB=60Vdc
10 nAdc
IEBO
Emitter to Base Cutoff Current
Bias Cond. D, VEB= 4Vdc
10 nAdc
ON CHARACTERISTICS
hFE1
Forward-Current Transfer Ratio
VCE=10Vdc, IC=0.1mAdc
50
hFE2
Forward-Current Transfer Ratio
VCE=10Vdc, IC=1.0mAdc
75
325
hFE3
Forward-Current Transfer Ratio
VCE=10Vdc, IC=10mAdc
100
hFE4
Forward-Current Transfer Ratio
VCE=10Vdc, IC=150mAdc, pulsed
100
300
hFE5
Forward-Current Transfer Ratio
VCE=10Vdc, IC=500mAdc, pulsed
30
VCE(sat)1
Collector to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.3 Vdc
VCE(sat)2
Collector to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
1 Vdc
VBE(sat)1
Base to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.6
1.2 Vdc
VBE(sat)2
Base to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
2 Vdc
SMALL SIGNAL CHARACTERISTICS
hfe
Short Circuit Forward Current Xfer Ratio
VCE= 10Vdc,IC =1mAdc, f= 1kHz
50
/hfe/
Magnitude of Short Circuit Forward
VCE= 20Vdc,IC =50mAdc, f=100MHz
2.5
Current Transfer Ratio
Cobo
Output Capacitance
VCB= 10Vdc, IE =0, 100kHz< f <1MHz
8 pF
Cibo
Input Capacitance
VEB= 2.0Vdc, IC=0, 100kHz< f <1MHz
25 pF
SWITCHING CHARACTERISTICS
ton
Saturated Turn-on Time
As defined in 19500/255 Figure 8
45 nS
toff
Saturated Turn-off Time
As defined in 19500/255 Figure 9
300 nS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com